Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9675KBCZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD9675KBCZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9675KBCZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9675KBCZ Datasheet HTML 49Page - Analog Devices AD9675KBCZ Datasheet HTML 50Page - Analog Devices AD9675KBCZ Datasheet HTML 51Page - Analog Devices AD9675KBCZ Datasheet HTML 52Page - Analog Devices AD9675KBCZ Datasheet HTML 53Page - Analog Devices AD9675KBCZ Datasheet HTML 54Page - Analog Devices AD9675KBCZ Datasheet HTML 55Page - Analog Devices AD9675KBCZ Datasheet HTML 56Page - Analog Devices AD9675KBCZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
AD9675
Data Sheet
Rev. A | Page 52 of 60
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Comments
0x109
VGA_TEST
X
X
X
VGA/
AAF test
enable
0 = off
(default)
1 = on
X
VGA/AAF output test mode
000 = Channel A (default)
001 = Channel B
010 = Channel C
011 = Channel D
100 = Channel E
101 = Channel F
110 = Channel G
111 = Channel H
0x00
VGA/AAF
test mode
enables AAF
output to
GPO2/
GPO3 pins
(global)
0x10C
PROFILE_
INDEX
X
X
Manual
TX_TRIG
signal
0 = off,
use pin
(default)
1 = on,
auto-
generate
TX_TRIG
(self-clears)
Profile index[4:0]
0x00
Index for
profile
memory
selects
active
profile
(global)
0x10D
RESERVED_
10D
1
1
1
1
1
1
1
1
0xFF
Reserved
0x10E
RESERVED_
10E
1
1
1
1
1
1
1
1
0xFF
Reserved
0x10F
DIG_
OFFSET_
CAL
0
0
0
0
Digital offset
calibration
status
0 = not
complete
(default)
1 =
complete
Digital offset calibration
000 = disable correction, reset correction
value (default)
001 = average 210 samples
010 = average 211 samples
…
111 = average 216 samples
0x00
Control
digital offset
calibration
enable and
number of
samples used
(global)
0x110
DIG_
OFFSET_
CORR1
D7
D6
D5
D4
D3
D2
D1
D0
0x00
Offset
correction
LSB (local)
0x111
DIG_
OFFSET_
CORR2
D15
D14
D13
D12
D11
D10
D9
D8
0x00
Offset
correction
MSB (local)
Digital offset calibration (read back if autocalibration enabled with Register 0x10F.
Otherwise, force correction value.)
Offset correction = [D15:D0] × full scale/216
0111 1111 1111 1111 (215 − 1) = +1/2 full scale − 1/216 full scale
0111 1111 1111 1110 (215 – 2) = +1/2 full scale − 2/216 full scale
…
0000 0000 0000 0001 (+1) = +1/216 full scale
0000 0000 0000 0000 = no correction (default)
1111 1111 1111 1111 (−1) = −1/216 full scale
…
1000 0000 0000 0000 (−215) = −1/2 full scale
0x112
POWER_
MASK_
CONFIG
X
X
X
Power-up setup time (POWER_SETUP)
0 0000 = 0
0 0001 = 1 × 40/fSAMPLE
0 0010 = 2 × 40/fSAMPLE (default)
0 0011 = 3 × 40/fSAMPLE
…
1 1111 = 31 × 40/fSAMPLE
0x02
POWER_
SETUP time
is used to
set the
power-up
time (global)
0x113
DIG_
CONFIG
X
X
Digital
high-pass
filter
0 = enable
(default)
1 = bypass
X
Decimator and filter
enable
00 = RF 2× decimator
bypassed (default)
01 = RF 2× decimator
enabled and low
bandwidth filter
1X = RF 2× decimator
enabled and high
bandwidth filter
X
X
0x00
Enable
stages of the
digital
processing
(global)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com