Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8607 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # SP8607
Description  emitter coupled logic divider
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8607 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SP8607 Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2
SP8607
Maximum frequency (sinewave input)
Minimum frequency (sinewave input)
Power supply current
Output low voltage
Output high voltage
Minimum output swing
fMAX
fMIN
IEE
VOL
VOH
VOUT
600
2
1·8
2
0·85
400
Min.
Max.
40
18
2
1·4
2
0·7
Value
Notes
MHz
MHz
mA
V
V
mV
3
3
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, the Electrical Characteristics are guaranteed over specified supply, frequency and temperature range
Supply voltage, VCC = 0V, VEE = 25·2V 6 0·25V
Temperature, T
AMB = 255°C to 1125°C (A Grade), 230°C to 170°C (B Grade)
Units
Symbol
Characteristic
Input = 400-800mV p-p
Input = 400-800mV p-p
VEE = 25·2V, outputs unloaded
VEE = 25·2V
VEE = 25·2V
VEE = 25·2V
Conditions
NOTES
1. The temperature coefficients of VOH = 11·63mV/°C, and VOL = 10·34mV/°C but these are not tested.
2. The test configuration for dynamic testing is shown in Fig.5.
3. Tested at 25
°C only.
1000
800
600
400
200
0
0
100
200
300
400
500
600
INPUT FREQUENCY (MHz)
* Tested as specified
in table of Electrical
Characteristics
TAMB = 255°C TO 1125°C
GUARANTEED *
OPERATING
WINDOW
Fig. 3 Typical input characteristic of SP8607A
Fig. 4 Typical input impedance. Test conditions: supply voltage = 25·2V, ambient
temperature = 25
°C, frequencies in MHz, Impedances normalised to 50Ω
100
400
200
300
500
600
j 2
j 1
j 0.5
j 0.2
0
2
j 0.2
2
j 0.5
2
j 1
2
j 2
1
0.5
0.2
j 5
2
j 5
2
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com