Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8607 Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # SP8607
Description  emitter coupled logic divider
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8607 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  SP8607 Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3
SP8607
OPERATING NOTES
1. The clock inputs (pins 1 and 2) can be driven single ended or
differentially and should be capacitively coupled to the signal
source. The input signal path is completed by connecting a
capacitor from the internal bias decoupling, pin 3, to ground.
2. In the absence of a signal the device will self-oscillate. If this is
undesirable, it may be prevented by connecting a 15k
Ω resistor
from the unused input to VEE. This will reduce the input sensitivity
by approximately 100mV.
3. The circuit will operate down to DC but slew rate must be better
than 100V/
µs.
4. The outputs are compatible with ECLII. There is an internal load
of 4k
Ω on each output. The outputs can be interfaced to ECL10K
by the addition of 1·5k
Ωpulldown resistors from the outputs to V
EE
to increase output voltage swing.
5. Input impedance is a function of frequency, See Fig. 4.
6. All components should be suitable for the frequency in use.
DUT
450
450
10n
10n
OUTPUT
VEE
5
6
7
8
2
1
1n
1n
3
3·5k
3·5k
33
1n
33
20
TO SAMPLING
SCOPE
GENERATOR
INPUT
1n
2·7k
OUTPUT
Fig. 5 Test circuit
7
6
4k
4k
8
440
1
2
5
BIAS
ECL OUTPUT
1·5k
15k
1n
1n
1n
1·5k
VEE
INPUT
440
DIVIDE BY
2
Fig. 6 Typical application showing interfacing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com