Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8607 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SP8607
Description  emitter coupled logic divider
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8607 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SP8607 Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8607 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DS3660-1·2
The SP8607 is an emitter coupled logic divider which
features ECL10K compatible outputs when used with external
pulldown resistors. The inputs are AC coupled.
FEATURES
s ECL Compatible Outputs
s AC-Coupled Inputs (Internal Bias)
QUICK REFERENCE DATA
s Supply Voltage: 25·2V
s Power Consumption: 80mW
s Temperature Range:
2
55
°C to 1125°C (A Grade)
2
30
°C to 170°C (B Grade)
Fig. 1 Pin connections - bottom view
CM8
ORDERING INFORMATION
SP8607 A CM
SP8607 B CM
SP8607 AC CM
ABSOLUTE MAXIMUM RATINGS
Supply voltage, VEE
Output current
Storage temperature range
Max. junction temperature
Max. clock input voltage
1
2
6
7
3
5
8
4
VEE (CASE)
CLOCK INPUT
OUTPUT
OUTPUT
CLOCK INPUT
VCC (0V)
NC
INTERNAL BIAS
DECOUPLING
SP8607 600MHz4
4
4
4
4
2
DIVIDE BY
2
VCC (0V)
INTERNAL BIAS
DECOUPLING
CLOCK INPUT
CLOCK INPUT
VEE
OUTPUT
OUTPUT
35
6
7
1
2
8
Fig. 2 Functional diagram
2
8V
10mA
2
65
°C to 1150°C
1
175
°C
2·5V p-p
ADVANCE INFORMATION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com