Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1850 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
15
MPU Serial 4-wire Interface
The serial interface consists of serial clock SCK, serial data SDA, D/ C and CS . Input to SDA is shifted
into a 8-bit shift register on every rising edge of SCK in the order of D7, D6,...D0. D/ C is sampled on every
eighth clock and the content in the shift register is written to the Display Data RAM or command register
in the same clock. No extra clock or command is required to end the transmission.
MPU Serial 3-wire Interface
Operation is similar to 4-wire serial interface except D/ C is not used. The Set Display Data Length
command is used to indicate that a specified number display data byte (1-256) is to be transmitted. Next
byte after the display data string is handled as a command.
It should be noted that if there is a signal glitch at SCK that causing an out of synchronization in the serial
communication, a hardware reset pulse at RES pin is required to initialize the chip for re-synchronization.
Modes of operation
6800 parallel
8080 parallel
Serial
Data Read
Yes
Yes
No
Data Write
Yes
Yes
Yes
Command Read
Status only
Status only
No
Command Write
Yes
Yes
Yes
Graphic Display Data RAM (GDDRAM)
The GDDRAM is a bit mapped static RAM holding the bit pattern to be displayed. The size of the RAM is
128 x 81 x 2 = 20736bits. Figure 5 is a description of the GDDRAM address map. For mechanical
flexibility, remapping on both Segment and Common outputs are provided respectively. For vertical
scrolling of display, an internal register storing the display start line can be set to control the portion of the
RAM data to be mapped to the display. Figure 5a and 5b show the cases in which the display start line
register are set at 38H or 48H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com