Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD1850 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # SSD1850
Description  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
12
VSS
Ground.
VCI
Reference voltage input for internal DC-DC converter. The voltage of generated VCC equals to the
multiple factor (2X, 3X, 4X, 5X or 6X) times VCI with respect to VSS.
Note: voltage at this input pin must be larger than or equal to VDD. 6x is available for SSD1851 only.
VCC
This is the most positive voltage supply pin of the chip. It can be supplied externally or generated by the
internal DC-DC converter.
When using internal DC-DC converter as generator, voltage at this pin is for internal reference only. It
CANNOT be used for driving external circuitries.
C1P, C2P, C3P, C4P, C5P, C1N and C2N
When internal DC-DC voltage converter is used, external capacitor(s) is/are connected to these pins.
(Reference to application Circuit on P.42)
VL6
This pin is the most positive LCD driving voltage. It can be supplied externally or generated by the internal
regulator.
VR
This pin is an input of the internal voltage regulator. When the internal resistors network for the voltage
regulator is disabled (INTRS is pulled low), external resistors should be connected between VSS and VR,
and VR and VL6, respectively (Please refer to application circuit on P.43).
VEXT
This pin is an input to provide an external voltage reference for the internal voltage regulator when REF
pin is pulled L.
VL5, VL4, VL3 and VL2
These are LCD driving voltages. They can be supplied externally or generated by the internal bias divider.
They have the following relationship:
VL6 > VL5 > VL4 > VL3 > VL2 > VSS
1:a bias
VL5
(a-1)/a*VL6
VL4
(a-2)/a*VL6
VL3
2/a*VL6
VL2
1/a*VL6
For SSD1851, “a” equals to 10 at POR.
For SSD1850, “a” equals to 9 at POR.
COM0 - COM79
These pins provide the row driving signal COM0 - COM79 to the LCD panel.
ICONS
This pin is the special icon line COM signal output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com