Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLGC55545 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # SLGC55545
Description  USB Charging Port Power Switch and Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLGC55545 Datasheet(HTML) 2 Page - Dialog Semiconductor

  SLGC55545 Datasheet HTML 1Page - Dialog Semiconductor SLGC55545 Datasheet HTML 2Page - Dialog Semiconductor SLGC55545 Datasheet HTML 3Page - Dialog Semiconductor SLGC55545 Datasheet HTML 4Page - Dialog Semiconductor SLGC55545 Datasheet HTML 5Page - Dialog Semiconductor SLGC55545 Datasheet HTML 6Page - Dialog Semiconductor SLGC55545 Datasheet HTML 7Page - Dialog Semiconductor SLGC55545 Datasheet HTML 8Page - Dialog Semiconductor SLGC55545 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
000-000C55545-101
Page 2 of 20
SLGC55545
Pin Description
Pin #
Name
Type
Description
1
VIN
PWR
Input voltage, connect a 0.1
μF or greater ceramic capacitor from IN to GND
as close to the device as possible
2
DM_OUT
Input/Output
D- data line to USB host controller
3
DP_OUT
Input/Output
D+ data line to USB host controller
4
ILIM_SEL
Input
Logic level input signal used to dynamically change power switch cur-
rent-limit threshold; logic LOW selects ILIM_L, logic HIGH selects ILIM_H
5
EN
Input
Logic level control input for turning the power switch and the signal switches
on/off.
When EN is LOW, the device is disabled, the signal and power switches
are OFF.
6
CTL1
Input
Logic level control inputs for controlling the charging mode and the signal
switches. The “000” configuration is used to force and discharge of the
output (VOUT) capacitor.
7
CTL2
Input
8
CTL3
Input
9
STATUS#
Output
Active Low open drain output, asserted while charge limit occur by Power
Wake or Port Power Management functions.
10
DP_IN
Input/Output
D+ data line to connector, input/output used for hand-shaking with portable
equipment
11
DM_IN
Input/Output
D- data line to connector, input/output used for hand-shaking with portable
equipment
12
VOUT
PWR
Power switch output
13
FAULT#
Output
Active low open drain output, asserted during over-temperature or cur-
rent-limit conditions
14
GND
GND
Ground
15
ILIM_L
Input
External resistor used to set current-limit threshold when ILIM_SEL is LOW.
See current limit setting in detailed description.
16
ILIM_H
Input
External resistor used to set current-limit threshold when ILIM_SEL is
HIGH. See current limit setting in detailed description.
17
Thermal Pad
GND
Ground
Ordering Information
Part Number
Type
SLGC55545V
TQFN-16
SLGC55545VTR
TQFN-16 - Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com