Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLGC55545 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # SLGC55545
Description  USB Charging Port Power Switch and Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLGC55545 Datasheet(HTML) 3 Page - Dialog Semiconductor

  SLGC55545 Datasheet HTML 1Page - Dialog Semiconductor SLGC55545 Datasheet HTML 2Page - Dialog Semiconductor SLGC55545 Datasheet HTML 3Page - Dialog Semiconductor SLGC55545 Datasheet HTML 4Page - Dialog Semiconductor SLGC55545 Datasheet HTML 5Page - Dialog Semiconductor SLGC55545 Datasheet HTML 6Page - Dialog Semiconductor SLGC55545 Datasheet HTML 7Page - Dialog Semiconductor SLGC55545 Datasheet HTML 8Page - Dialog Semiconductor SLGC55545 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
000-000C55545-101
Page 3 of 20
SLGC55545
1. Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended
operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
2. Do not apply external voltage sources directly
Absolute Maximum Conditions 1
Parameter
Min.
Max.
Unit
Supply Voltage range
VIN
-0.3
7
V
Input Voltage range
EN, ILIM_L, ILIM_H, ILIM_SEL, CTL1,
CTL2, CTL3
-0.3
7
V
Output Voltage range
VOUT, FAULT#, STATUS# 2
-0.3
7
V
Output Voltage range
VIN to VOUT
-7
7
V
Voltage range
DP_IN, DM_IN, DP_OUT, DM_OUT
-0.3
VIN+0.3 or
5.7
V
Input Clamp current
DP_IN, DM_IN, DP_OUT, DM_OUT
--
±20
mA
Continuous current in SDP or CDP mode DP_IN to DP_OUT or DM_IN to DM_OUT
--
±100
mA
Continuous current in BC1.2 DCP mode
DP_IN to DM_IN
--
±35
mA
Continuous output current
Internally limited
Continuous output sink current
FAULT#, STATUS#
--
25
mA
Continuous output source current
ILIM_L, ILIM_H
--
1
mA
Continuous total power dissipation
Internally limited
ESD Rating, Human Body Model (HBM)
VIN, EN, ILIM_L, ILIM_H, ILIM_SEL,
CTL1, CTL2, CTL3, VOUT, FAULT#
2
--
kV
ESD Rating, Human Body Model (HBM)
DP_IN, DM_IN, DP_OUT, DM_OUT
8
--
kV
ESD Rating, Charged Device Model
500
--
V
Operating Temperature Range
-40
85
°C
Storage Temperature Range
-65
165
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com