Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD813 Datasheet(PDF) 11 Page - Analog Devices

Part # AD813
Description  Single Supply, Low Power Triple Video Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD813 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD813 Datasheet HTML 7Page - Analog Devices AD813 Datasheet HTML 8Page - Analog Devices AD813 Datasheet HTML 9Page - Analog Devices AD813 Datasheet HTML 10Page - Analog Devices AD813 Datasheet HTML 11Page - Analog Devices AD813 Datasheet HTML 12Page - Analog Devices AD813 Datasheet HTML 13Page - Analog Devices AD813 Datasheet HTML 14Page - Analog Devices AD813 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD813
REV. B
–10–
Figure 22. Slew Rate vs. Output Step Size
Figure 24. Closed-Loop Gain and Phase vs. Frequency,
G = +1
Figure 26. Small Signal Pulse Response, Gain = +1,
(RF = 750 Ω, RL = 150 Ω, VS = ±5 V)
Figure 23. Large Signal Pulse Response, Gain = +1,
(RF = 750 Ω, RL = 150 Ω, VS = ±5 V)
Figure 25. Maximum Slew Rate vs. Supply Voltage
Figure 27. –3 dB Bandwidth vs. Supply Voltage, G = +1
2V
2V
50ns
VIN
VOUT
10
90
100
0%
1
10
1000
100
FREQUENCY – MHz
–1
–6
+1
0
–2
–3
–4
–5
+90
0
–90
–180
–270
5V
3V
PHASE
GAIN
VS = 15V
5V
3V
5V
VS = 15V
5V
90
100
10
0%
500m V
20n s
500m V
VIN
VOUT
40
80
60
100
120
140
216
14
12
10
8
6
4
SUPPLY VOLTAGE –
Volts
RF = 750
RF = 1k
RF = 866
RL = 150
SUPPLY VOLTAGE –
Volts
700
0
300
100
200
600
400
500
15.0
1.5
0
13.5
12.0
10.5
9.0
7.5
6.0
4.5
3.0
G = –1
G = +10
G = +2
G = +1
OUTPUT STEP SIZE – V p-p
1000
0
300
100
200
600
400
500
700
800
900
10
1
09
67
45
8
3
2
VS = 15V
RL = 500
G = –1
G = +10
G = +2
G = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com