Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD813 Datasheet(PDF) 17 Page - Analog Devices

Part # AD813
Description  Single Supply, Low Power Triple Video Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD813 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD813 Datasheet HTML 12Page - Analog Devices AD813 Datasheet HTML 13Page - Analog Devices AD813 Datasheet HTML 14Page - Analog Devices AD813 Datasheet HTML 15Page - Analog Devices AD813 Datasheet HTML 16Page - Analog Devices AD813 Datasheet HTML 17Page - Analog Devices AD813 Datasheet HTML 18Page - Analog Devices AD813 Datasheet HTML 19Page - Analog Devices AD813 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD813
REV. B
–16–
High Performance Video Line Driver
At a gain of +2, the AD813 makes an excellent driver for a back
terminated 75
Ω video line. Low differential gain and phase
errors and wide 0.1 dB bandwidth can be realized over a wide
range of power supply voltage. Excellent gain and group delay
matching are also attainable over the full operating supply volt-
age range.
75
75
AD813
4
11
RG
RF
VIN
VOUT
75
+VS
0.1 F
0.1 F
–VS
75
CABLE
75
CABLE
Figure 46. A Video Line Driver Operating at a Gain of
+2 (RF = RG from Table I)
G = +2
RL = 150
5V
3V
1
10
1000
100
FREQUENCY – MHz
–1
–6
+1
0
–2
–3
–4
–5
+90
0
–90
–180
–270
PHASE
GAIN
VS = 15V
5V
VS = 15V
5V
3V
5V
Figure 47. Closed-Loop Gain & Phase vs. Frequency for
the Line Driver
216
14
12
10
8
6
4
SUPPLY VOLTAGE – Volts
40
30
70
50
60
80
90
20
100
110
120
20
18
0
NO PEAKING
RF = 590
RF = 681
RF = 750
Figure 48. –3 dB Bandwidth vs. Supply Voltage for
Gain = +2, RL = 150
Ω
100k
1M
100M
10M
FREQUENCY – Hz
0
0.2
0.1
–0.1
–0.2
–0.3
–0.4
–0.5
3V
15V
5V
G = +2
RL = 150
5V
Figure 49. Fine-Scale Gain (Normalized) vs. Frequency
1
10
1000
100
FREQUENCY – MHz
0
1.0
0.5
–0.5
–1.0
–1.5
–2.0
1.5
2.0
–2.5
2.5
VS = 15V
VS = 3V
G = +2
RL = 150
Figure 50. Closed-Loop Gain Matching vs. Frequency
100k
1M
100M
10M
FREQUENCY – Hz
4
2
1.0
0.5
0
–0.5
6
8
–1.0
10
V
S =
15V
3V
V
S = 3V
DELAY
DELAY MATCHING
15V
5V
5V
Figure 51. Group Delay and Group Delay Matching vs.
Frequency, G = +2, RL = 150 Ω
Figures 50 and 51 show the worst case matching; the match
between amplifiers 2 and 3 is typically much better than this.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com