Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD813 Datasheet(PDF) 12 Page - Analog Devices

Part # AD813
Description  Single Supply, Low Power Triple Video Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD813 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD813 Datasheet HTML 8Page - Analog Devices AD813 Datasheet HTML 9Page - Analog Devices AD813 Datasheet HTML 10Page - Analog Devices AD813 Datasheet HTML 11Page - Analog Devices AD813 Datasheet HTML 12Page - Analog Devices AD813 Datasheet HTML 13Page - Analog Devices AD813 Datasheet HTML 14Page - Analog Devices AD813 Datasheet HTML 15Page - Analog Devices AD813 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD813
REV. B
–11–
Figure 28. Large Signal Pulse Response, Gain = +10,
(RF = 357 Ω, RL = 500 Ω, VS = ±15 V)
Figure 29. Closed-Loop Gain and Phase vs. Frequency,
G = +10, RL = 150 Ω
Figure 30. –3 dB Bandwidth vs. Supply Voltage,
G = +10, RL = 150 Ω
Figure 31. Small Signal Pulse Response, Gain = +10,
(RF = 357 Ω, RL = 150 Ω, VS = ±5 V)
1
10
1000
100
FREQUENCY – MHz
–1
–6
+1
0
–2
–3
–4
–5
0
–90
–180
–270
3V
5V
5V
G = +10
RL = 150
PHASE
GAIN
5V
VS = 15V
3V
5V
VS = 15V
Figure 33. –3 dB Bandwidth vs. Supply Voltage,
G = +10, RL = 1 kΩ
Figure 32. Closed-Loop Gain and Phase vs. Frequency,
G = +10, RL = 1 kΩ
1
10
1000
100
FREQUENCY – MHz
–1
–6
+1
0
–2
–3
–4
–5
3V
5V
5V
5V
0
–90
–180
–270
–360
3V
PHASE
GAIN
5V
G = +10
RL = 1k
VS = 15V
VS = 15V
216
14
12
10
8
6
4
SUPPLY VOLTAGE –
Volts
40
30
70
50
60
80
90
20
RF = 357
RF = 649
RF = 154
G = +10
RL = 1k
216
14
12
10
8
6
4
SUPPLY VOLTAGE –
Volts
30
20
60
40
50
70
80
RF = 154
PEAKING
1dB
G = +10
RL = 150
RF = 357
RF = 649
10
90
100
0%
50mV
20ns
500mV
VIN
VOUT
10
90
100
0%
500mV
50ns
500mV
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com