Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP200GSZ Datasheet(PDF) 6 Page - Analog Devices

Part # OP200GSZ
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200GSZ Datasheet(HTML) 6 Page - Analog Devices

Back Button OP200GSZ Datasheet HTML 2Page - Analog Devices OP200GSZ Datasheet HTML 3Page - Analog Devices OP200GSZ Datasheet HTML 4Page - Analog Devices OP200GSZ Datasheet HTML 5Page - Analog Devices OP200GSZ Datasheet HTML 6Page - Analog Devices OP200GSZ Datasheet HTML 7Page - Analog Devices OP200GSZ Datasheet HTML 8Page - Analog Devices OP200GSZ Datasheet HTML 9Page - Analog Devices OP200GSZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
OP200
Rev. G | Page 5 of 16
VS = ±15 V, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
OP200A/OP200E
OP200G
Unit
Min
Typ
Max
Min
Typ
Max
INPUT CHARACTERISTICS
Input Voltage Range1
IVR
±12
±13
±12
±13
V
Common-Mode Rejection Ratio
CMRR
VCM = ±12 V
120
135
110
130
dB
Channel Separation2
CS
VO = 20 V p-p, fO = 10 Hz
123
145
123
145
dB
Input Capacitance
CIN
3.2
3.2
pF
Capacitive Load Stability
AV = 1, no oscillations
10
10
nF
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±3 V to ±18 V
0.4
1.8
0.6
5.6
μV/V
Supply Current Per Amplifier
ISY
No load
570
725
570
725
μA
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL= 10 kΩ
±12
±12.6
±12
±12.6
V
RL = 2 kΩ
±11
±12.2
±11
±12.2
V
DYNAMIC PERFORMANCE
Slew Rate
SR
0.1
0.15
0.1
0.15
V/μs
Gain Bandwidth Product
GBP
AV = 1
500
500
kHz
1
Guaranteed by CMRR test.
2
Guaranteed but not 100% tested.
VS = ±15 V, −40°C ≤ TA ≤ +85°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Conditions
OP200E
OP200G
Unit
Min
Typ
Max
Min
Typ
Max
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
35
100
110
300
μV
Average Input Offset Voltage Drift
TCVOS
0.2
0.5
0.6
2.0
μV/°C
Input Offset Current
IOS
VCM = 0 V
0.08
2.5
0.1
6.0
nA
Input Bias Current
IB
VCM = 0 V
0 3
5.0
0.5
10.0
nA
Large-Signal Voltage Gain
AVO
VO = ±10 V
RL= 10 kΩ
3000
10,000
2000
5000
V/mV
RL = 2 kΩ
1500
3200
1000
2500
V/mV
Input Voltage Range1
IVR
±12
±12.5
±12
±12.5
V
Common-Mode Rejection Ratio
CMRR
VCM = ±12 V
115
130
105
130
dB
Capacitive Load Stability
AV = 1, no oscillations
10
10
nF
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±3 V to ±18 V
0.15
3.2
0.3
10.0
μV/V
Supply Current Per Amplifier
ISY
No load
600
775
600
775
μA
OUTPUT CHARACTERISTICS
Output Voltage Swing
VO
RL = 10 kΩ
±12
±12.4
±12
±12.4
V
RL = 2 kΩ
±11
±12
±11
±12.2
V
1
Guaranteed by CMRR test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com