Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP200GSZ Datasheet(PDF) 10 Page - Analog Devices

Part # OP200GSZ
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200GSZ Datasheet(HTML) 10 Page - Analog Devices

Back Button OP200GSZ Datasheet HTML 6Page - Analog Devices OP200GSZ Datasheet HTML 7Page - Analog Devices OP200GSZ Datasheet HTML 8Page - Analog Devices OP200GSZ Datasheet HTML 9Page - Analog Devices OP200GSZ Datasheet HTML 10Page - Analog Devices OP200GSZ Datasheet HTML 11Page - Analog Devices OP200GSZ Datasheet HTML 12Page - Analog Devices OP200GSZ Datasheet HTML 13Page - Analog Devices OP200GSZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
OP200
Rev. G | Page 9 of 16
100
10
1
10
100
1k
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
Figure 12. Voltage Noise Density vs. Frequency
1000
100
1
10
100
1k
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
Figure 13. Current Noise Density vs. Frequency
02
4
6
8
10
TIME (SEC)
Figure 14. 0.1 Hz to 10 Hz Noise
1.18
1.06
1.08
1.10
1.12
1.14
1.16
±2
±6
±10
±14
±18
SUPPLY VOLTAGE (V)
TWO AMPLIFIERS
TA = 25°C
Figure 15. Total Supply Current vs. Supply Voltage
1.16
1.11
1.12
1.13
1.14
1.15
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
TWO AMPLIFIERS
VS = ±15V
Figure 16. Total Supply Current vs. Temperature
140
0
20
40
60
80
100
120
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
TA = 25°C
POSITIVE SUPPLY
NEGATIVE SUPPLY
Figure 17. Power Supply Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com