Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP200GSZ Datasheet(PDF) 9 Page - Analog Devices

Part # OP200GSZ
Description  Dual Low Offset, Low Power Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP200GSZ Datasheet(HTML) 9 Page - Analog Devices

Back Button OP200GSZ Datasheet HTML 5Page - Analog Devices OP200GSZ Datasheet HTML 6Page - Analog Devices OP200GSZ Datasheet HTML 7Page - Analog Devices OP200GSZ Datasheet HTML 8Page - Analog Devices OP200GSZ Datasheet HTML 9Page - Analog Devices OP200GSZ Datasheet HTML 10Page - Analog Devices OP200GSZ Datasheet HTML 11Page - Analog Devices OP200GSZ Datasheet HTML 12Page - Analog Devices OP200GSZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
OP200
Data Sheet
Rev. G | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
2
1
0
0
1.0
2.0
3.0
4.0
5.0
TIME (Minutes)
TA = 25°C
VS = ±15V
Figure 6. Warm-Up Drift
10
20
30
40
50
60
0
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = ±15V
Figure 7. Input Offset Voltage vs. Temperature
–2
–1
0
1
2
3
–3
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = ±15V
Figure 8. Input Bias Current vs. Temperature
50
100
150
200
250
300
0
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = ±15V
Figure 9. Input Offset Current vs. Temperature
0.2
0.4
0.6
0.8
1.0
0
–15
–10
–5.0
0
5.0
10
15
COMON-MODE VOLTAGE (V)
TA = 25°C
VS = ±15V
Figure 10. Input Bias Current vs. Common-Mode Voltage
20
40
60
80
100
120
140
0
1
10
100
1k
10k
100k
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
Figure 11. Common-Mode Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com