Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USX2 Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # USX2
Description  NBFM Multi-channel UHF Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

USX2 Datasheet(HTML) 3 Page - Radiometrix Ltd

  USX2 Datasheet HTML 1Page - Radiometrix Ltd USX2 Datasheet HTML 2Page - Radiometrix Ltd USX2 Datasheet HTML 3Page - Radiometrix Ltd USX2 Datasheet HTML 4Page - Radiometrix Ltd USX2 Datasheet HTML 5Page - Radiometrix Ltd USX2 Datasheet HTML 6Page - Radiometrix Ltd USX2 Datasheet HTML 7Page - Radiometrix Ltd USX2 Datasheet HTML 8Page - Radiometrix Ltd USX2 Datasheet HTML 9Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Radiometrix Ltd
USX2 Data Sheet
page 3
Figure 3: Provisional USX2 footprint (Top)
Pin Description
NOTES:
1.
No inversion occurs between TXD and RXD. However AF out is inverted relative to TXD.
2.
Parallel channel selects (P0-P3) and TXE are active LOW and have 47k
internal pullups to 3V
3.
Open collector output RXD has a 47 k
pullup to 3V.
4.
The software incorporates a 1200 baud modem, compatible with that implemented in other Radiometrix
narrowband units ( i1200 tones and format ). Modem operation is selected by serial command.
5.
Main serial port (P0, P3) operates at 9600 baud. (Command set is not the same as TR2M, SMX
families). The unit is capable of operating in 'basic' parallel channel select only mode, or in serial
controlled 'expanded' mode
6.
Transmit power can be set by serial command
7.
RSSI can be read back as a digital value. (on P3)
8.
If analogue transmit modulation is needed, then connect a series 1 F cap + 500k
trimmer (a multiturn
is advised) in the TXD circuit. Adjust trimmer for 90% of peak deviation (+/- 2.7KHz) at mean input level.
Pins
Normal mode
Serial mode
Modem mode
1A
RF Gnd
RF ground
2A
RF in/out
To the antenna
3A
RF Gnd
RF ground
1
TXD
DC coupled input for TTL/ CMOS logic
NC
2
TXE
Transmit enable.
Low = RX mode. High = TX. (10k
pull down)
NC
3
GND
(0V)
4
Vcc
DC supply input (3.6 –15V)
5
P3
Parallel channel select MSB
Serial read back
BUSY
6
P2
Parallel channel select
TBA
MOD TXD
7
P1
P1 - Parallel channel select
TBA
MOD RXD
8
P0
P0 - Parallel channel select LSB
PGM in
PGM in
9
RSSI
DC level between 0.5V and 2.5V. 60dB
dynamic range
10
RXD
Open collector output of data slicer
NC
11
AF out
500mV p-p audio. DC coupled, approx 0.8V
bias
NC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com