Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USX2 Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # USX2
Description  NBFM Multi-channel UHF Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

USX2 Datasheet(HTML) 1 Page - Radiometrix Ltd

  USX2 Datasheet HTML 1Page - Radiometrix Ltd USX2 Datasheet HTML 2Page - Radiometrix Ltd USX2 Datasheet HTML 3Page - Radiometrix Ltd USX2 Datasheet HTML 4Page - Radiometrix Ltd USX2 Datasheet HTML 5Page - Radiometrix Ltd USX2 Datasheet HTML 6Page - Radiometrix Ltd USX2 Datasheet HTML 7Page - Radiometrix Ltd USX2 Datasheet HTML 8Page - Radiometrix Ltd USX2 Datasheet HTML 9Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Radiometrix Ltd
USX2 Data Sheet
page 1
Features
Conforms to ETSI EN 300 220-3 and EN 301 489-3
High performance double superhet, 128 channel PLL synthesizer
100mW RF power output: adjustable via serial command
Data rates up to 5 kbps for standard module
Usable range over 500m
Fully screened. Low profile
Feature-rich interface (RSSI, analogue and digital baseband)
Digital RSSI output
Incorporate a 1200baud modem
Re-programmable via RS232 interface
Low power requirements
Applications
Wireless handheld terminals
Heavy vehicle/machine remote controls
EPOS equipment, barcode scanners
Data loggers
Industrial telemetry and telecommand
In-building environmental monitoring and control
High-end security and fire alarms
Vehicle data up/download
Technical Summary
Operating frequency: 315MHz (USA), 433MHz (European) and 458MHz (UK) bands
128 channels controlled via RS232 interface
16 channels selected by parallel interface
Transmit power: 100mW (+20dBm) nominal. Adjustable 0.1 – 100mW
Supply range: 3.6 - 15V
Current consumption: 100mA (at 100mW output) transmit, 25mA receive
Data bit rate: 5kbps max. (standard module)
Receiver sensitivity: -118dBm (for 12 dB SINAD)
Size: 50 x 30 x 12mm
Figure 1: USX2-433-5
USX2 is small multi-channel half duplex
UHF transceiver available for operation
on 315MHz, 433MHz and 458MHz bands
with the user programmable RF power
output of up to 100mW.
USX2 offers up to 128 frequency channels
in 25kHz channel spacing. USX2 also
features dual VCO which allows
NBFM Multi-channel UHF Transceiver
Issue 1, 07 May 2009
Hartcran House, 231 Kenton Lane, Harrow, Middlesex, HA3 8RP, England
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233, www.radiometrix.com
USX2


Similar Part No. - USX2

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
NBFM Multi-channel UHF Transceiver
logo
Microchip Technology
USX2064 MICROCHIP-USX2064 Datasheet
2Mb / 54P
USB 2.0 Hi-Speed 4-Port Hub Controller with Battery Charging
07-05-23
More results

Similar Description - USX2

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
NBFM Multi-channel UHF Transceiver
BHX2 RADIOMETRIX-BHX2 Datasheet
254Kb / 9P
NBFM Multi-channel 500mW UHF Transceiver
TLM2-458-5 RADIOMETRIX-TLM2-458-5 Datasheet
139Kb / 7P
NBFM Multi-channel 500mW UHF Transmitter
BHX2 RADIOMETRIX-BHX2_12 Datasheet
470Kb / 9P
NBFM Multi-channel 500mW UHF Transceiver
HMT2 RADIOMETRIX-HMT2 Datasheet
473Kb / 7P
NBFM Multi-channel 500mW UHF Transmitter
TX2M RADIOMETRIX-TX2M Datasheet
566Kb / 12P
UHF NBFM multi channel radio modules
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
500mW NBFM Multi-channel UHF Transceiver
M48-458-BHX2 RADIOMETRIX-M48-458-BHX2 Datasheet
310Kb / 11P
500mW UHF NBFM multi channel radio modem
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
500mW UHF NBFM multi channel radio modem
M48-433-USX2 RADIOMETRIX-M48-433-USX2 Datasheet
373Kb / 11P
UHF NBFM multi channel RS232 radio modem
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com