Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USX2 Datasheet(PDF) 7 Page - Radiometrix Ltd

Part # USX2
Description  NBFM Multi-channel UHF Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

USX2 Datasheet(HTML) 7 Page - Radiometrix Ltd

  USX2 Datasheet HTML 1Page - Radiometrix Ltd USX2 Datasheet HTML 2Page - Radiometrix Ltd USX2 Datasheet HTML 3Page - Radiometrix Ltd USX2 Datasheet HTML 4Page - Radiometrix Ltd USX2 Datasheet HTML 5Page - Radiometrix Ltd USX2 Datasheet HTML 6Page - Radiometrix Ltd USX2 Datasheet HTML 7Page - Radiometrix Ltd USX2 Datasheet HTML 8Page - Radiometrix Ltd USX2 Datasheet HTML 9Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Radiometrix Ltd
USX2 Data Sheet
page 7
RX Received Signal Strength Indicator (RSSI)
The USX2 has wide range RSSI that measures the strength of an incoming signal over a range of 60dB or
more. This allows assessment of link quality and available margin and is useful when performing range tests.
The output on pin 9 of the module has a standing DC bias of up to 0.5V with no signal, rising to 2.5V at
maximum indication (RF input levels of -40dBm and above). ∆Vmin-max is typically 2V and is largely
independent of standing bias variations. Output impedance is 4.7kΩ. The pin has a 1nF cap to ground.
Digital RSSI output
In serial mode, RSSI can be read back as a digital value on pin P3. The RSSI read back command initiates a
read of the analogue RSSI value (as present on pin 9) by an internal 8 bit A/D converter.
This converter uses the 3.0v rail as it's reference (so an RSSI voltage of 3v will give a read back of 255,
while a voltage of 0v will read back 00).
Practically, the RSSI circuit produces about 0.5 - 2.5v (read back value 40 - 212) and this voltage is related
(approximately) to the receiver input level by the graph below.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-140 -130 -120 -110 -100 -90
-80
-70
-60
-50
-40
RF level (dBm)
Figure 4: typical RSSI level with respect to received RF level at USX2 antenna pin
The table below relate the receiver input level to the typical analogue voltage output at pin 9 and the
corresponding digital RSSI value read back at pin 3 (in serial mode).
RF power (dBm)
Analogue RSSI (V) at pin 9
Digital RSSI value (on pin 3)
No signal
0.45
36 (24h)
-120
0.65
53 (35h)
-110
0.85
75 (4Bh)
-100
1.2
101 (65h)
-90
1.4
123 (7Bh)
-80
1.65
141 (8Dh)
-70
1.95
166 (A6h)
-60
2.2
187 (BBh)
-50
2.3
198 (C6h)
-40
2.35
200 (C8h)
Please note, the RSSI graph and the table values above are for indicative purposes only and is not a
guarantee of actual RSSI characteristics.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com