Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3253 Datasheet(PDF) 151 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 147Page - STMicroelectronics UPSD3253 Datasheet HTML 148Page - STMicroelectronics UPSD3253 Datasheet HTML 149Page - STMicroelectronics UPSD3253 Datasheet HTML 150Page - STMicroelectronics UPSD3253 Datasheet HTML 151Page - STMicroelectronics UPSD3253 Datasheet HTML 152Page - STMicroelectronics UPSD3253 Datasheet HTML 153Page - STMicroelectronics UPSD3253 Datasheet HTML 154Page - STMicroelectronics UPSD3253 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 176 page
background image
151/176
µPSD325X DEVICES
Note: 1. IPD (Power-down Mode) is measured with:
XTAL1=VSS; XTAL2=not connected; RESET=VCC; Port 0 =VCC; all other pins are disconnected. PLD not in Turbo mode.
2. ICC_CPU (active mode) is measured with:
XTAL1 driven with tCLCH, tCHCL = 5ns, VIL = VSS+0.5V, VIH = Vcc – 0.5V, XTAL2 = not connected; RESET=VSS; Port 0=VCC; all
other pins are disconnected. ICC would be slightly higher if a crystal oscillator is used (approximately 1mA).
3. ICC_CPU (Idle Mode) is measured with:
XTAL1 driven with tCLCH, tCHCL = 5ns, VIL = VSS+0.5V, VIH = VCC– 0.5V, XTAL2 = not connected; Port 0 = VCC;
RESET=VCC; all other pins are disconnected.
4. PLD is in non-Turbo Mode and none of the inputs are switching.
5. See Figure 72 for the PLD current calculation.
6. I/O current = 0 mA, all I/O pins are disconnected.
ITL
Logic 1-to-0 Transition Current
(Ports 1,2,3,4)
VIN = 3.5V
(2.5V for Port 4[pin 2])
–25
–250
µA
ISTBY
SRAM (PSD) Stand-by Current
(VSTBY input)
VCC = 0V
0.5
1
µA
IIDLE
SRAM (PSD) Idle Current
(VSTBY input)
VCC > VSTBY
–0.1
0.1
µA
IRST
Reset Pin Pull-up Current
(RESET)
VIN = VSS
–10
–55
µA
IFR
XTAL Feedback Resistor
Current (XTAL1)
XTAL1 = VCC
XTAL2 = VSS
–20
–50
µA
ILI
Input Leakage Current
VSS < VIN < VCC
–1
1
µA
ILO
Output Leakage Current
0.45 < VOUT < VCC
–10
10
µA
IPD
1
Power-down Mode
VCC = 3.6V
LVD logic disabled
110
µA
LVD logic enabled
180
µA
ICC_CPU
2,3,6
Active (12MHz)
VCC = 3.6V
810
mA
Idle (12MHz)
4
5
mA
Active (24MHz)
VCC = 3.6V
15
20
mA
Idle (24MHz)
8
10
mA
ICC_PSD
(DC)6
Operating
Supply Current
PLD Only
PLD_TURBO = Off,
f = 0MHz 7
0
µA/
PT5
PLD_TURBO = On,
f = 0MHz
200
400
µA/
PT
Flash
memory
During Flash memory
WRITE/Erase Only
10
25
mA
Read-only, f = 0MHz
0
0
mA
SRAM
f = 0MHz
0
0
mA
ICC_PSD
(AC)6
PLD AC Base
note 5
Flash memory AC Adder
1.5
2.0
mA/
MHz
SRAM AC Adder
0.8
1.5
mA/
MHz
Symbol
Parameter
Test Condition
(in addition to those in
Table 110, page 146)
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com