Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3253 Datasheet(PDF) 152 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 148Page - STMicroelectronics UPSD3253 Datasheet HTML 149Page - STMicroelectronics UPSD3253 Datasheet HTML 150Page - STMicroelectronics UPSD3253 Datasheet HTML 151Page - STMicroelectronics UPSD3253 Datasheet HTML 152Page - STMicroelectronics UPSD3253 Datasheet HTML 153Page - STMicroelectronics UPSD3253 Datasheet HTML 154Page - STMicroelectronics UPSD3253 Datasheet HTML 155Page - STMicroelectronics UPSD3253 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 176 page
background image
µPSD325X DEVICES
152/176
Figure 75. External Program Memory READ Cycle
Table 114. External Program Memory AC Characteristics (with the 5V MCU Module)
Note: 1. Conditions (in addition to those in Table 109, VCC = 4.5 to 5.5V): VSS = 0V; CL for Port 0, ALE and PSEN output is 100pF; CL for
other outputs is 80pF
2. Interfacing the µPSD325X devices to devices with float times up to 20ns is permissible. This limited bus contention does not cause
any damage to Port 0 drivers.
Symbol
Parameter1
40MHz Oscillator
Variable Oscillator
1/tCLCL = 24 to 40MHz
Unit
Min
Max
Min
Max
tLHLL
ALE pulse width
35
2tCLCL – 15
ns
tAVLL
Address set-up to ALE
10
tCLCL – 15
ns
tLLAX
Address hold after ALE
10
tCLCL – 15
ns
tLLIV
ALE Low to valid instruction in
55
4tCLCL – 45
ns
tLLPL
ALE to PSEN
10
tCLCL – 15
ns
tPLPH
PSEN pulse width
60
3tCLCL – 15
ns
tPLIV
PSEN to valid instruction in
30
3tCLCL – 45
ns
tPXIX
Input instruction hold after PSEN
00
ns
tPXIZ
2
Input instruction float after PSEN
15
tCLCL – 10
ns
tPXAV
2
Address valid after PSEN
20
tCLCL – 5
ns
tAVIV
Address to valid instruction in
70
5tCLCL – 55
ns
tAZPL
Address float to PSEN
–5
–5
ns
tAVLL
tPLPH
tPXIZ
tAVIV
PSEN
PORT 2
PORT 0
AI06848
tLHLL
ALE
tLLPL
A0-A7
tLLAX
tAZPL
tLLIV
tPLIV
A0-A7
tPXAV
tPXIX
A8-A11
INSTR
IN
A8-A11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com