Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDP3104B Datasheet(PDF) 3 Page - Micronas

Part # VDP3104B
Description  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3104B Datasheet(HTML) 3 Page - Micronas

  VDP3104B Datasheet HTML 1Page - Micronas VDP3104B Datasheet HTML 2Page - Micronas VDP3104B Datasheet HTML 3Page - Micronas VDP3104B Datasheet HTML 4Page - Micronas VDP3104B Datasheet HTML 5Page - Micronas VDP3104B Datasheet HTML 6Page - Micronas VDP3104B Datasheet HTML 7Page - Micronas VDP3104B Datasheet HTML 8Page - Micronas VDP3104B Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
PRELIMINARY DATA SHEET
VDP 31xxB
3
Micronas
Contents, continued
Page
Section
Title
21
2.9.
Analog Back End
21
2.9.1.
CRT Measurement and Control
22
2.9.2.
SCART Output Signal
23
2.9.3.
Average Beam Current Limiter
23
2.9.4.
Analog RGB Insertion
24
2.9.5.
Fast Blank Monitor
24
2.9.6.
Half Contrast Control
24
2.10.
IO Port Expander
26
2.11.
Synchronization and Deflection
26
2.11.1.
Deflection Processing
26
2.11.2.
Horizontal Phase Adjustment
28
2.11.3.
Vertical and East/West Deflection
28
2.11.4.
Protection Circuitry
29
2.12.
Reset Function
29
2.13.
Standby and Power-On
30
3.
Serial Interface
30
3.1.
I2C-Bus Interface
30
3.2.
Control and Status Registers
43
3.2.1.
Scaler Adjustment
46
3.2.2.
Calculation of Vertical and East-West Deflection Coefficients
47
4.
Specifications
47
4.1.
Outline Dimensions
47
4.2.
Pin Connections and Short Descriptions
49
4.3.
Pin Descriptions
51
4.4.
Pin Configuration
52
4.5.
Pin Circuits
54
4.6.
Electrical Characteristics
54
4.6.1.
Absolute Maximum Ratings
54
4.6.2.
Recommended Operating Conditions
54
4.6.3.
Recommended Crystal Characteristics
55
4.6.4.
Characteristics
56
4.6.4.1.
5 MHz Clock Output
56
4.6.4.2.
20 MHz Clock Input/Output, External Clock Input (XTAL1)
56
4.6.4.3.
Reset Input, Test Input
57
4.6.4.4.
I2C-Bus Interface
57
4.6.4.5.
IO Port Expander
57
4.6.4.6.
Analog Video Inputs
58
4.6.4.7.
Analog Front-End and ADCs
59
4.6.4.8.
Picture Bus Input
60
4.6.4.9.
INTLC, Front Sync Output
60
4.6.4.10.
Main Sync Output
60
4.6.4.11.
Combined Sync Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com