Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDP3104B Datasheet(PDF) 43 Page - Micronas

Part # VDP3104B
Description  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3104B Datasheet(HTML) 43 Page - Micronas

Back Button VDP3104B Datasheet HTML 39Page - Micronas VDP3104B Datasheet HTML 40Page - Micronas VDP3104B Datasheet HTML 41Page - Micronas VDP3104B Datasheet HTML 42Page - Micronas VDP3104B Datasheet HTML 43Page - Micronas VDP3104B Datasheet HTML 44Page - Micronas VDP3104B Datasheet HTML 45Page - Micronas VDP3104B Datasheet HTML 46Page - Micronas VDP3104B Datasheet HTML 47Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
PRELIMINARY DATA SHEET
VDP 31xxB
43
Micronas
3.2.1. Scaler Adjustment
In case of linear scaling, most of the scaler registers
need not be set. Only the scaler mode, active video
length, and the fixed scaler increments (scinc1/scinc2)
must be written.
The adjustment of the scaler for nonlinear scaling
modes should use the parameters given in Table 3–4.
Table 3–4: Set-up values for nonlinear scaler modes
Register
Scaler Modes
‘waterglass’
border 35%
‘panorama’
border 30%
center compression
3/4
5/6
4/3
6/5
scinc1
1643
1427
1024
1024
scinc2
1024
1024
376
611
scinc
90
56
85
56
fflim
945
985
921
983
scw1 – 0
110
115
83
94
scw1 – 1
156
166
147
153
scw1 – 2
317
327
314
339
scw1 – 3
363
378
378
398
scw1 – 4
473
493
461
492
scw2 – 0
110
115
122
118
scw2 – 1
156
166
186
177
scw2 – 2
384
374
354
363
scw2 – 3
430
425
418
422
scw2 – 4
540
540
540
540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com