Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDP3104B Datasheet(PDF) 8 Page - Micronas

Part # VDP3104B
Description  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3104B Datasheet(HTML) 8 Page - Micronas

Back Button VDP3104B Datasheet HTML 4Page - Micronas VDP3104B Datasheet HTML 5Page - Micronas VDP3104B Datasheet HTML 6Page - Micronas VDP3104B Datasheet HTML 7Page - Micronas VDP3104B Datasheet HTML 8Page - Micronas VDP3104B Datasheet HTML 9Page - Micronas VDP3104B Datasheet HTML 10Page - Micronas VDP3104B Datasheet HTML 11Page - Micronas VDP3104B Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
VDP 31xxB
PRELIMINARY DATA SHEET
8
Micronas
Table 2–1: ADC input range for PAL input signal and corresponding signal ranges
Signal
Input Level [mVpp]
ADC
Range
YCrCb
Internal
Range
–6 dB
0 dB
+
4.5 dB
[steps]
[steps]
CVBS
100% CVBS
667
1333
2238
252
–
75% CVBS
500
1000
1679
213
–
video (luma)
350
700
1175
149
224
sync height
150
300
504
64
–
clamp level
68
16
Chroma
burst
300
64
–
100% Chroma
890
190
128
±112
75% Chroma
670
143
128
±84
bias level
128
128
255
192
128
0
black
white
217
video = 100 IRE
sync = 41 IRE
68
32
192
128
228
80
32
upper headroom = 38 steps = 1.4 dB = 25 IRE
lower headroom = 4 steps = 0.2 dB
headroom = 56 steps = 2.1 dB
= clamp
level
CVBS/Y
Chroma
Fig. 2–2: ADC ranges for CVBS/Luma and Chroma, PAL input signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com