Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7129 Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # VSC7129
Description  Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7129 Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  VSC7129 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
VSC7127/VSC7129
Family of Repeater/Retimer and Port
Bypass Circuits for Fibre Channel
G52298-0, Rev 4.3
Page 5
05/01/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
VITESSE
SEMICONDUCTOR CORPORATION
AC Characteristics (Over Recommended Operating Conditions)
Figure 3: Timing Waveforms
Table 1: AC Characteristics (Over recommended operating conditions)
NOTE: (1) Retimer mode is only available for Fibre Channel applications.
Parameters
Description
Min
Typ
Max
Units
Conditions
T1
Propagation delay (Repeater mode)
7.0
ns
Delay with all circuits bypassed.
T1
Propagation delay (Retimer mode)
180
ns
Delay with all circuits bypassed.
Typical delay is 100 bit times.
TR, TF
Serial data rise and fall time
300
ps
At
∆V
IN minimum levels
Tj(PBC)
Data jitter accumulation
(PBC only)
120
ps
Peak-to-peak on Ox+/- in Port
Bypass Circuit Mode.
TJ(RPTR)
Total data output jitter
(Repeater mode)
192
ps
Jitter generation at Ox+/- when
driven by the CRU in Repeater
Mode. IEEE 802.3z Clause 38.68
TDJ(RPTR)
Serial data output deterministic jitter
(p-p) (Repeater mode)
80
ps
Jitter generation at Ox+/- when
driven by the CRU in Repeater
Mode. IEEE 802.3z Clause 38.68
TJ(RTMR)
Total data output jitter
(Retimer Mode)(1)
192
ps
Jitter generation at Ox+/- when
driven by the CRU in Retimer
Mode.
TDJ(RTMR)
Serial data output deterministic jitter
(p-p) (Retimer Mode)(1)
80
ps
Jitter generation at Ox+/- when
driven by the CRU in Retimer
Mode.
TJTOL
Jitter tolerance
0.24
UI
Minimum eye opening for proper
operation as defined in MJS 8.0.
T1
T1
Ox+/-
Ix+/-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com