Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7129 Datasheet(PDF) 12 Page - Vitesse Semiconductor Corporation

Part # VSC7129
Description  Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7129 Datasheet(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button VSC7129 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 12Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Data Sheet
VSC7127/VSC7129
Family of Repeater/Retimer and Port
Bypass Circuits for Fibre Channel
VITESSE
SEMICONDUCTOR CORPORATION
Page 12
G52298-0, Rev 4.3
05/01/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Ordering Information
The order number for this product is formed by a combination of the device number and package type.
Marking Information
The package is marked with three lines of text as shown in Figure 7 (VSC7127TQM shown).
Figure 7: Package Marking Information
VSC712XX XX
Device Type
Package Type
QM: 44-pin PQFP, 10mm Body
VSC7127T Configured as a Retimer when MODE is HIGH. HDMP-0451 compatible
VSC7127R Configured as a Repeater when MODE is LOW. HDMP-0451 compatible
VSC7129T Configured as a Retimer when MODE is HIGH. HDMP-0452 compatible
VSC7129R Configured as a Repeater when MODE is LOW. HDMP-0452 compatible
VITESSE
VSC7127T QM
####AAAAA
Part Number
DateCode
Package Suffix
Lot Tracking Code
Pin 1 Identifier
(4 or 5 characters)
Notice
Vitesse Semiconductor Corporation (“Vitesse”) provides this document for informational purposes only. All information in this document, includ-
ing descriptions of features, functions, performance, technical specifications and availability, is subject to change without notice at any time. Noth-
ing contained in this document shall be construed as extending any warranty or promise, express or implied, that any Vitesse product will be
available as described or will be suitable for or will accomplish any particular task.
Vitesse products are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without writ-
ten consent is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com