Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7129 Datasheet(PDF) 6 Page - Vitesse Semiconductor Corporation

Part # VSC7129
Description  Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7129 Datasheet(HTML) 6 Page - Vitesse Semiconductor Corporation

Back Button VSC7129 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7129 Datasheet HTML 10Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet
VSC7127/VSC7129
Family of Repeater/Retimer and Port
Bypass Circuits for Fibre Channel
VITESSE
SEMICONDUCTOR CORPORATION
Page 6
G52298-0, Rev 4.3
05/01/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 4: REFCLK Timing Waveforms *
Table 2: Reference Clock Requirements
DC Characteristics (Over recommended operating conditions)
NOTE: (1) Refer to Application Note AN-37 for details regarding differential voltage measurements.
Parameters
Description
Min
Typ
Max
Units
Conditions
FR
Frequency Range
105
107
MHz
FO
Frequency Offset
-200
200
ppm
Maximum frequency offset
between transmit and receive
reference clocks on one link
DC
Duty Cycle
35
65
%
Measured at 1.5V
TR, TF
Rise and Fall Time
2.0
ns
Between VIL(MAX) and VIH(MIN)
Parameters
Description
Min
Typ
Max
Units
Conditions
VOH
Output HIGH voltage (TTL)
2.4
V
IOH = -1.0mA
VOL
Output LOW voltage (TTL)
0.5
V
IOL = +1.0mA
VIH
Input HIGH voltage (TTL)
2.0
5.5
V
VIL
Input LOW voltage (TTL)
0
0.8
V
IIH
Input HIGH current (TTL)
50
500
µA
VIN =2.4V
IIL
Input LOW current (TTL)
-500
µA
VIN =0.5V
∆V
OUT75
(1)
TX output differential peak-to-
peak voltage swing
1200
2200
mVp-p
75
Ω to V
DD – 2.0 V
∆V
OUT50
(1)
TX output differential peak-to-
peak voltage swing
1000
2200
mVp-p
50
Ω to V
DD – 2.0 V
∆V
IN
(1)
Receiver differential peak-to-peak
input Sensitivity RX
400
2600
mVp-p
Internally biased to VDD/2
VDD
Supply voltage
3.14
3.47
V
3.3V±5%
PD
Power dissipation
707
902
mW
Outputs open, VDD = VDD max.
±2%
IDD
Current (all supplies)
215
260
mA
Outputs open, VDD = VDD max
IDDA
Current (VDDA)50
70
mA
VDDA = VDD max
REFCLK
VIL(MAX)
VIH(MIN)
NOTE: A reference clock must be provided to the REFCLK pin in order for the chip to power up in the right state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com