Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F3830 Datasheet(PDF) 57 Page - Holtek Semiconductor Inc

Part # HT45F3830
Description  Ultrasonic Atomizer Flash MCU
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3830 Datasheet(HTML) 57 Page - Holtek Semiconductor Inc

Back Button HT45F3830 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F3830 Datasheet HTML 61Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 149 page
background image
Rev. 1.10
5�
�an�a�� 0�� �01�
Rev. 1.10
5�
�an�a�� 0�� �01�
HT45F3830
Ultrasonic Atomizer Flash MCU
HT45F3830
Ultrasonic Atomizer Flash MCU
• CTRL2 Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
OCVPS� OCVPS1 OCVPS0
R/W
—
—
—
—
—
R/W
R/W
R/W
POR
—
—
—
—
—
0
0
0
Bit7~3
Unimplemented,readas"0"
Bit2~0
OCVPS2 ~ OCVPS0:OCVPAI0signalinputsourcepinselection
000:PB0
001:PB1
010:PB2
011:PB3
100:PA6
101:PA3
110:PA1
111:PA4
• CTRL3 Register
Bit
7
6
5
4
3
2
1
0
Name
IOCN�
IOCN�
IOCN5
IOCN4
IOCN3
IOCN�
IOCN1
IOCN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
IOCN7~IOCN6:PA6pinfunctionselection
00:PA6
01:PTP0
10:OCVPAI0
11:OCVPAI0
Bit5
IOCN5:PA5pinfunctionselection
0:PA5/INT1/STCK
1:OCVPCI
Bit4~3
IOCN4~IOCN3:PA4pinfunctionselection
00:PA4
01:STP
10:OCVPAI0
11:OCVPAI0
Bit2
IOCN2:PA3pinfunctionselection
0:PA3/INT0/CTCK
1:OCVPAI0
Bit1~0
IOCN1~IOCN0:PA1pinfunctionselection
00:PA1
01:CTP
10:OCVPAI0
11:OCVPAI0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com