Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F005 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT66F005
Description  Cost-Effective A/D Flash MCU with EEPROM
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F005 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT66F005 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F005 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 109 page
background image
Rev. 1.30
10
���i� ��� �01�
Rev. 1.30
11
���i� ��� �01�
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
HT66F005/HT66F006
Cost-Effective A/D Flash MCU with EEPROM
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS−0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS−0.3VtoVDD+0.3V
StorageTemperature....................................................................................................-50˚Cto125˚C
OperatingTemperature..................................................................................................-40˚Cto85˚C
IOHTotal..................................................................................................................................-100mA
IOLTotal................................................................................................................................... 100mA
TotalPowerDissipation........................................................................................................ 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximum
Ratings"maycausesubstantialdamagetothesedevices.Functionaloperationofthesedevicesat
otherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolongedexposureto
extremeconditionsmayaffectdevicesreliability.
D.C. Characteristics
Ta=25˚C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
O�e�ating Vo�tage
(HXT)
—
fSYS=8MHz
�.�
—
5.5
V
fSYS=1�MHz
�.�
—
5.5
V
fSYS=16MHz
3.3
—
5.5
V
fSYS=�0MHz
4.5
—
5.5
V
O�e�ating Vo�tage
(HIRC)
—
fSYS=8MHz
�.�
—
5.5
V
fSYS=1�MHz
�.�
—
5.5
V
fSYS=16MHz
3.3
—
5.5
V
IDD1
O�e�ating Cu��ent�
No�ma� Mode� fSYS=fH
(HXT)
3V No �oad� fH=4MHz� �DC off�
WDT enab�e
—
0.6
0.9
m�
5V
—
1.8
�.�
m�
3V No �oad� fH=8MHz� �DC off�
WDT enab�e
—
1.1
1.�
m�
5V
—
�.9
4.4
m�
3V No �oad� fH=1�MHz� �DC off�
WDT enab�e
—
1.6
�.5
m�
5V
—
4.1
6.�
m�
3.3V No �oad� fH=16MHz� �DC off�
WDT enab�e
—
�.0
3.0
m�
5V
—
5.�
�.8
m�
5V No �oad� f
H
=�0MHz� �DC off�
WDT enab�e
—
6.4
9.6
m�
IDD�
O�e�ating Cu��ent�
No�ma� Mode� fSYS=fH
(HIRC)
3V No �oad� fH=4MHz� �DC off�
WDT enab�e
—
0.6
0.9
m�
5V
—
1.8
�.�
m�
3V No �oad� fH=8MHz� �DC off�
WDT enab�e
—
1.1
1.�
m�
5V
—
�.9
4.4
m�
3V No �oad� fH=1�MHz� �DC off�
WDT enab�e
—
1.6
�.5
m�
5V
—
4.1
6.�
m�
IDD3
O�e�ating Cu��ent� S�ow Mode�
fSYS=fL=LIRC
3V No �oad� fSYS=LIRC� �DC off�
WDT enab�e� LVR disab�e
—
10
�0
μA
5V
—
30
50
μA
IDD3�
O�e�ating Cu��ent� S�ow Mode�
fSYS=fL=LIRC
3V No �oad� fSYS=LIRC� �DC off�
WDT enab�e � LVR enab�e
—
40
60
μA
5V
—
90
135
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com