Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F0187 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT66F0187
Description  A/D Flash MCU with EEPROM
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F0187 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT66F0187 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F0187 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F0187 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F0187 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F0187 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F0187 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F0187 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66F0187 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F0187 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 192 page
background image
Rev. 1.20
16
����st 2�� 201�
Rev. 1.20
1�
����st 2�� 201�
HT66F0187
A/D Flash MCU with EEPROM
HT66F0187
A/D Flash MCU with EEPROM
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fSYS
System Clock (HXT)
2.2V~
5.5V f
SYS
=fHXT=8MHz
—
8
—
MHz
2.�V~
5.5V f
SYS
=fHXT=12MHz
—
12
—
MHz
4.5V~
5.5V f
SYS
=fHXT=20MHz
—
20
—
MHz
System Clock (HIRC)
2.2V~
5.5V f
SYS
=fHIRC=8MHz
—
8
—
MHz
2.�V~
5.5V f
SYS
=fHIRC=12MHz
—
12
—
MHz
4.5V~
5.5V f
SYS
=fHXT=16MHz
—
16
—
MHz
System Clock (LXT)
2.2V~
5.5V f
SYS
=fLXT=32.�68kHz
—
32�68
—
Hz
System Clock (LIRC)
2.2V~
5.5V f
SYS
=fLIRC=32kHz
—
32
—
kHz
fLIRC
Low Speed Internal RC Oscillator (LIRC)
3V
Ta=25°C
-10%
32
+10% kHz
3V
±0.3V Ta=-40°C~85°C
-40%
32
+40% kHz
2.2V~
5.5V Ta=-40°C~85°C
-50%
32
+60% kHz
5V
Ta=25°C
-10%
32
+10% kHz
5V
± 0.5V Ta=-40°C~85°C
-40%
32
+40% kHz
2.2V~
5.5V Ta=-40°C~85°C
-50%
32
+60% kHz
tTC
xTCKn Inp�t Pin Minim�m P�lse Width
—
—
0.3
—
—
μs
tINT
External Interr�pt Minim�m P�lse Width
—
—
10
—
—
μs
tRSTD
System Reset Delay Time
(POR Reset� LVR Hardware Reset� LVR
Software Reset� WDT Software Reset)
—
—
25
50
100
ms
System Reset Delay Time
(WDT Time-o�t Hardware Cold Reset)
—
—
8.3
16.�
33.3 ms
tSST
System Start-�p Timer Period
(wake-�p from H�LT� fSYS off at H�LT)
—
fSYS=fSUB=fLXT
128
—
—
tLXT
—
fSYS=fH~fH/64� fH=fHXT
128
—
—
tHXT
—
fSYS=fH~fH/64� fH=fHIRC
16
—
—
tHIRC
—
fSYS=fSUB=fLIRC
2
—
—
tLIRC
System Start-�p Timer Period
(wake-�p from H�LT� fSYS on at H�LT State)
—
fSYS=fH~fH/64� fSYS=fHXT or fHIRC
2
—
—
tSYS
—
fSYS=fLXT or fLIRC
2
—
—
tSYS
System Start-�p Timer Period
(WDT Time-o�t Hardware Cold Reset)
—
—
0
—
—
tH
tBGS
VBG T�rn On Stable Time
—
No load
—
—
150
�s
tLVDS
LVDO Stable Time
—
For LVR enable�
VBGEN=0� LVD off → on
—
—
15
μs
—
For LVR disable�
VBGEN=0� LVD off → on
—
—
150
μs
tLVR
Minim�m Low Volta�e Width to Reset
—
—
120
240
480
μs
tLVD
Minim�m Low Volta�e Width to Interr�pt
—
—
60
120
240
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com