Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD813F2 Datasheet(PDF) 62 Page - STMicroelectronics

Part # PSD813F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 58Page - STMicroelectronics PSD813F2 Datasheet HTML 59Page - STMicroelectronics PSD813F2 Datasheet HTML 60Page - STMicroelectronics PSD813F2 Datasheet HTML 61Page - STMicroelectronics PSD813F2 Datasheet HTML 62Page - STMicroelectronics PSD813F2 Datasheet HTML 63Page - STMicroelectronics PSD813F2 Datasheet HTML 64Page - STMicroelectronics PSD813F2 Datasheet HTML 65Page - STMicroelectronics PSD813F2 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 110 page
background image
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
62/110
POWER MANAGEMENT
All PSD devices offer configurable power saving
options. These options may be used individually or
in combinations, as follows:
All memory blocks in a PSD (primary and
secondary Flash memory, and SRAM) are
built with power management technology. In
addition to using special silicon design
methodology, power management technology
puts the memories into standby mode when
address/data inputs are not changing (zero
DC current). As soon as a transition occurs on
an input, the affected memory “wakes up”,
changes and latches its outputs, then goes
back to standby. The designer does not have
to do anything special to achieve memory
standby mode when no inputs are changing—
it happens automatically.
The PLD sections can also achieve Stand-by
mode when its inputs are not changing, as
described in the sections on the Power
Management Mode Registers (PMMR).
As with the Power Management mode, the
Automatic Power Down (APD) block allows
the PSD to reduce to stand-by current
automatically. The APD Unit can also block
MCU address/data signals from reaching the
memories and PLDs. This feature is available
on all the devices of the PSD family. The APD
Unit is described in more detail in the sections
entitled Automatic Power-down (APD) Unit
and Power-down Mode, page 63.
Built in logic monitors the Address Strobe of the
MCU for activity. If there is no activity for a
certain time period (MCU is asleep), the APD
Unit initiates Power-down mode (if enabled).
Once in Power-down mode, all address/data
signals are blocked from reaching PSD memory
and PLDs, and the memories are deselected
internally. This allows the memory and PLDs to
remain in standby mode even if the address/
data signals are changing state externally
(noise, other devices on the MCU bus, etc.).
Keep in mind that any unblocked PLD input
signals that are changing states keeps the PLD
out of Stand-by mode, but not the memories.
PSD Chip Select Input (CSI, PD2) can be
used to disable the internal memories, placing
them in standby mode even if inputs are
changing. This feature does not block any
internal signals or disable the PLDs. This is a
good alternative to using the APD Unit. There
is a slight penalty in memory access time
when PSD Chip Select Input (CSI, PD2)
makes its initial transition from deselected to
selected.
The PMMRs can be written by the MCU at run-
time to manage power. All PSD supports
“blocking bits” in these registers that are set to
block designated signals from reaching both
PLDs. Current consumption of the PLDs is
directly related to the composite frequency of
the changes on their inputs (see Figure 35 and
Figure 36., page 72). Significant power
savings can be achieved by blocking signals
that are not used in DPLD or CPLD logic
equations.
PSD devices have a Turbo Bit in PMMR0. This
bit can be set to turn the Turbo mode off (the
default is with Turbo mode turned on). While
Turbo mode is off, the PLDs can achieve
standby current when no PLD inputs are
changing (zero DC current). Even when inputs
do change, significant power can be saved at
lower frequencies (AC current), compared to
when Turbo mode is on. When the Turbo mode
is on, there is a significant DC current
component and the AC component is higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com