Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD813F2 Datasheet(PDF) 64 Page - STMicroelectronics

Part # PSD813F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 60Page - STMicroelectronics PSD813F2 Datasheet HTML 61Page - STMicroelectronics PSD813F2 Datasheet HTML 62Page - STMicroelectronics PSD813F2 Datasheet HTML 63Page - STMicroelectronics PSD813F2 Datasheet HTML 64Page - STMicroelectronics PSD813F2 Datasheet HTML 65Page - STMicroelectronics PSD813F2 Datasheet HTML 66Page - STMicroelectronics PSD813F2 Datasheet HTML 67Page - STMicroelectronics PSD813F2 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 110 page
background image
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
64/110
For Users of the HC11 (or compatible)
The HC11 turns off its E clock when it sleeps.
Therefore, if you are using an HC11 (or compati-
ble) in your design, and you wish to use the Pow-
er-down mode, you must not connect the E clock
to CLKIN (PD1). You should instead connect a
crystal oscillator to CLKIN (PD1). The crystal oscil-
lator frequency must be less than 15 times the fre-
quency of AS. The reason for this is that if the
frequency is greater than 15 times the frequency
of AS, the PSD keeps going into Power-down
mode.
Other Power Saving Options
The PSD offers other reduced power saving op-
tions that are independent of the Power-down
mode. Except for the SRAM Stand-by and PSD
Chip Select Input (CSI, PD2) features, they are en-
abled by setting bits in PMMR0 and PMMR2.
Figure 33. Enable Power-down Flow Chart
PLD Power Management
The power and speed of the PLDs are controlled
by the Turbo Bit (Bit 3) in PMMR0. By setting the
bit to '1,' the Turbo mode is off and the PLDs con-
sume the specified stand-by current when the in-
puts are not switching for an extended time of
70ns. The propagation delay time is increased by
10ns after the Turbo Bit is set to '1' (turned off)
when the inputs change at a composite frequency
of less than 15 MHz. When the Turbo Bit is reset
to '0' (turned on), the PLDs run at full power and
speed. The Turbo Bit affects the PLD’s DC power,
AC power, and propagation delay.
Blocking MCU control signals with the bits of
PMMR2 can further reduce PLD AC power con-
sumption.
SRAM Standby Mode (Battery Backup). The
PSD supports a battery backup mode in which the
contents of the SRAM are retained in the event of
a power loss. The SRAM has Voltage Stand-by
(VSTBY, PC2) that can be connected to an external
battery. When VCC becomes lower than VSTBY
then the PSD automatically connects to Voltage
Stand-by (VSTBY, PC2) as a power source to the
SRAM. The SRAM Standby Current (ISTBY) is typ-
ically 0.5µA. The SRAM data retention voltage is
2V minimum. The Battery-on Indicator (VBATON)
can be routed to PC4. This signal indicates when
the VCC has dropped below VSTBY.
Enable APD
Set PMMR0 Bit 1 = 1
PSD in Power
Down Mode
ALE/AS idle
for 15 CLKIN
clocks?
RESET
Yes
No
OPTIONAL
Disable desired inputs to PLD
by setting PMMR0 bits 4 and 5
and PMMR2 bits 2 through 6.
AI02892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com