Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD813F2 Datasheet(PDF) 84 Page - STMicroelectronics

Part # PSD813F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 80Page - STMicroelectronics PSD813F2 Datasheet HTML 81Page - STMicroelectronics PSD813F2 Datasheet HTML 82Page - STMicroelectronics PSD813F2 Datasheet HTML 83Page - STMicroelectronics PSD813F2 Datasheet HTML 84Page - STMicroelectronics PSD813F2 Datasheet HTML 85Page - STMicroelectronics PSD813F2 Datasheet HTML 86Page - STMicroelectronics PSD813F2 Datasheet HTML 87Page - STMicroelectronics PSD813F2 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 110 page
background image
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
84/110
Table 51. CPLD Macrocell Asynchronous Clock Mode Timing (5V devices)
Symbol
Parameter
Conditions
-70
-90
-15
PT
Aloc
Turbo
Off
Slew
Rate
Unit
Min
Max
Min
Max
Min
Max
fMAXA
Maximum
Frequency
External
Feedback
1/(tSA+tCOA)
38.4
26.32
21.27
MHz
Maximum
Frequency
Internal
Feedback
(fCNTA)
1/(tSA+tCOA–10)
62.5
35.71
27.78
MHz
Maximum
Frequency
Pipelined
Data
1/(tCHA+tCLA)
71.4
41.67
35.71
MHz
tSA
Input Setup
Time
7
8
12
+ 2
+ 10
ns
tHA
Input Hold
Time
812
14
ns
tCHA
Clock Input
High Time
9
12
15
+ 10
ns
tCLA
Clock Input
Low Time
9
12
15
+ 10
ns
tCOA
Clock to
Output Delay
21
30
37
+ 10
– 2
ns
tARDA
CPLD Array
Delay
Any macrocell
11
16
22
+ 2
ns
tMINA
Minimum
Clock Period
1/fCNTA
16
28
39
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com