Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD813F2 Datasheet(PDF) 102 Page - STMicroelectronics

Part # PSD813F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 98Page - STMicroelectronics PSD813F2 Datasheet HTML 99Page - STMicroelectronics PSD813F2 Datasheet HTML 100Page - STMicroelectronics PSD813F2 Datasheet HTML 101Page - STMicroelectronics PSD813F2 Datasheet HTML 102Page - STMicroelectronics PSD813F2 Datasheet HTML 103Page - STMicroelectronics PSD813F2 Datasheet HTML 104Page - STMicroelectronics PSD813F2 Datasheet HTML 105Page - STMicroelectronics PSD813F2 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 110 page
background image
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
102/110
Figure 52. PLCC52 - 52-lead Plastic Lead, Chip Carrier Package Mechanical Drawing
Note: Drawing is not to scale.
Table 74. PLCC52 - 52-lead Plastic Lead, Chip Carrier Package Mechanical Dimensions
Symbol
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
4.19
4.57
0.165
0.180
A1
2.54
2.79
0.100
0.110
A2
0.91
0.036
B
0.33
0.53
0.013
0.021
B1
0.66
0.81
0.026
0.032
C
0.246
0.261
0.0097
0.0103
D
19.94
20.19
0.785
0.795
D1
19.05
19.15
0.750
0.754
D2
17.53
18.54
0.690
0.730
E
19.94
20.19
0.785
0.795
E1
19.05
19.15
0.750
0.754
E2
17.53
18.54
0.690
0.730
e1.27–
0.050
R
0.89
0.035
N52
52
Nd
13
13
Ne
13
13
PLCC-B
D
E1 E
1 N
D1
CP
b
D2/E2
e
b1
A1
A
A2
D3/E3
M
L1
L
C
M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com