Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95C30P Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT95C30P
Description  8-Bit CID Type Phone Controller MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C30P Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT95C30P Datasheet HTML 20Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 21Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 22Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 23Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 24Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 25Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 26Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 27Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
HT95C200/20P/300/30P
Rev. 0.10
24
October 1, 2002
Preliminary
The DTMF pin output is controlled by the combination of the D_PWDN, TONE, TR~TC value.
Control Register Bits
DTMF Pin Output Status
D_PWDN
TONE
TR4~TR1/TC4~TC1
1x
x
0
0
0
x
1/2 VDD
0
1
0
1/2 VDD
0
1
Any valid value
16 dual tones or 8 signal tones, bias with 1/2 VDD
Register
Label
Bits
R/W
Function
DTMFC
(20H)
D_PWDN
0
RW
DTMF generator power down
1: DTMF generator is at power down mode.
0: DTMF generator is at operation mode.
¾
1RO
Unused bit, read as
²0²
TONE
2
RW
Tone output enable
1: DTMF signal output is enabled.
0: DTMF signal output is disabled.
BMSK
3
RW
Burst-cycle interrupt mask
1: No interrupt will occur when 1 burst-cycle is finished.
0: An interrupt will occur when 1 burst-cycle is finished.
This flag is functional only at Burst-mode
.
BURST
4
RW
Burst-mode bit
1: Enable Burst-mode.
0: Disable Burst-mode.
¾
5RO
Unused bit, read as
²0²
BURSTF
6
RW
Burst-cycle interrupt flag
1: One burst-cycle is finished.
0: No burst-cycle is finished.
This flag is set by hardware and cleared by software.
This flag is functional only at Burst-mode.
¾
7RO
Unused bit, read as
²0²
DTMFD
(21H)
TC4~TC1
3~0
RW
To set high group frequency
TR4~TR1
7~4
RW
To set low group frequency
The DTMF generator supports two output modes,
namely Tone-Mode and Burst-Mode.
Tone-Mode: (D_PWDN=0, TONE=1 and BURST=0).
· The duration of Tone-Mode output should be handled
by the software.
· DTMFD register value could be changed as desired,
the DTMF pin will output the new dual-tone simulta-
neously.
· BMSK and BURSTF flags are not necessary.
· Any time set BURST flag to 1, the DTMF output mode
will be changed to Burst-Mode, and Burst-Cycle is
starting.
Burst-Mode: (D_PWDN=0, TONE=1 and BURST=1).
· The timing of Burst-Mode output is controlled by hard-
ware.
· How to start the Burst-Mode
¨ At Tone-Mode, set BURST flag to 1.
¨ If D_PWDN flag=0 & TONE flag=0, set BURST
flag=1, then set TONE flag=1.
¨ If D_PWDN flag=1, set BURST flag & TONE flag=1,
then clear D_PWDN flag=0.
· The burst-cycle processing:
Step 1: DTMF pin automatically generates DTMF tone
(determined by the TC~TR register value) for 82.5ms.
Step 2: DTMF pin automatically generates 1/2 VDD
for 85.5ms.
Step 3: After the 85.5ms timeout, the TC~TR value is
cleared to 0 by hardware.
Step 4: One burst-cycle is finished. The DTMF
burst-cycle interrupt is generated.
Step 5: Jump to Step 1 for the next burst-cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com