Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95C30P Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT95C30P
Description  8-Bit CID Type Phone Controller MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C30P Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT95C30P Datasheet HTML 26Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 27Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 28Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 29Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 30Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 31Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 32Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 33Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
HT95C200/20P/300/30P
Rev. 0.10
30
October 1, 2002
Preliminary
Register
Label
Bits
R/W
Function
LCDC
(2DH)
FRAME
0
RW
LCD frame selection
0: LCD frame is 64Hz
1: LCD frame is 128Hz
VBIAS
1
RW
LCD BIAS selection
0: select 1/16 duty and 1/5 bias, COM0~COM15 are available
1: select 1/8 duty and 1/4 bias, only COM8~COM15 are available
When the 8 COM is selected
HT95C300/30P: COM0~COM7 will be optioned to unused pins
HT95C200/20P: COM0~COM7 are disabled, PD0~PD7 are available
LBEN
2
RW
Low battery detection switch
0: disable the low battery detection
1: enable the low battery detection
¾
3RO
Unused bit, read as
²0²
LBFG
4
RO
Low battery detection flag
1: LBIN pin voltage is less than 1.25V
0: LBIN pin voltage is not less than 1.25V
VCON0
VCON1
5
6
RW
LCD contrast adjusting
Bit6,5=00: LCD voltage supply is 0.66
´VLCD
Bit6,5=10: LCD voltage supply is 0.82
´VLCD
Bit6,5=01: LCD voltage supply is 0.93
´VLCD
Bit6,5=11: LCD voltage supply is 1.00
´VLCD
LCDON
7
RW
1: Turn on the LCD display
0: Turn off the LCD display
LCDIO
(28H)
¾
0~4
RO
Unused bit, read as
²0²
SPE0
5
RW
For HT95C300/30P only
0: SEG44~SEG47 pins are LCD segment output
1: SEG44~SEG47 pins are PE0~PE3 pins
SPD0
6
RW
For HT95C300/30P only
0: SEG36~SEG39 pins are LCD segment output
1: SEG36~SEG39 pins are PD0~PD3 pins
SPD1
7
RW
For HT95C300/30P only
0: SEG40~SEG43 pins are LCD segment output
1: SEG40~SEG43 pins are PD4~PD7 pins
LCD driver
The LCD driver can directly drive an LCD panel with 1/8
duty and 1/4 bias or with 1/16 duty and 1/5 bias, this
function is selected by the flag VBIAS. The frame of this
LCD driver may select a 64Hz or 128Hz by flag FRAME.
LCD driver uses the voltage of the VLCD pin as the
power source. To adjust the view angle, the programmer
can select the real LCD power by the flags VCON0 and
VCON1. The flag LCDON is used to turn On/Off the LCD
display. Note that the VLCD voltage must equal or be
less than VDD and VDD2.
Segment/Common to I/O selection
For the flexible purpose, some of the LCD COMMON
and SEGMENT pins are shared with the input/output
port. HT95C300/30P provides 12 pins to be selected to
SEGMENT output pins or I/O pins. HT95C200/20P pro-
vides 8 pins to be selected for COMMON output pins or
I/O pins.
Both of the HT95C300/30P and HT95C200/20P provide
the LCD COMMON output pins for 8 COMMON or 16
COMMON. The description of the relation between seg-
ment pins, common pins and I/O pins are shown on the
next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com