Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95C30P Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT95C30P
Description  8-Bit CID Type Phone Controller MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95C30P Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT95C30P Datasheet HTML 21Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 22Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 23Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 24Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 25Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 26Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 27Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 28Page - Holtek Semiconductor Inc HT95C30P Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
HT95C200/20P/300/30P
Rev. 0.10
25
October 1, 2002
Preliminary
Precaution must be taken during Burst-mode operation:
· DTMF pin will output 1/2 VDD during next burst-cycle
if the user does not initialize the TC~TR value again.
· When the burst-cycles starts, if the user clears the
BURST flag to 0 before Step 2 is finished, Step 3 and
Step 4 will be executed and after step 4 is executed,
DTMF output mode will be changed to Tone-Mode.
· When the burst-cycle starts, if the user clears the
BURST flag to 0 after Step 3 is executed, then Step 4
and Step 5 will be executed. After next Step 4 is exe-
cuted, DTMF output mode will be changed to
Tone-Mode.
· When the burst-cycles starts, if the user clears the
TONE flag to 0, DTMF output will be changed to 1/2
VDD.
· When the burst-cycle starts, if the user changes the
TC~TR value at Step1, DTMF pin output will also be
changed (determined by the new TR~TC value). The
DTMF output duration of burst-cycle is constantly
82.5ms.
· When the burst-cycle starts, if the user changes the
TC~TR value at Step2, DTMF pin still outputs 1/2
VDD. The DTMF output duration of burst-cycle is con-
stantly 85.5ms.
· If the next burst-cycle is executed continuously, Step
4 and Step 5 occur simultaneously.
1 / 2 V D D
T O N E = 1
A l l t h e t i m i n g o f t h e T O N E = 1 a n d T O N E = 0 a r e d e t e r m i n e d b y s o f t w a r e
T O N E = 0
T O N E = 1
T O N E = 0
T O N E = 1
T O N E = 0
D _ P D W N = 0 a n d B U R S T = 0
D _ P D W N = 1
DTMF Tone_mode
D _ P D W N = 1
D _ P D W N = 0
1 / 2 V D D
8 2 . 5 m s
8 2 . 5 m s
8 5 . 5 m s
8 5 . 5 m s
8 2 . 5 m s
8 5 . 5 m s
S t e p 1
S t e p 2
S t e p 1
S t e p 2
S t e p 1
S t e p 2
I n i t i a l N e w T C - T R T i m i n g
S t e p 3
S t e p 3
T O N E = 1
I n i t i a l N e w T C - T R T i m i n g
T O N E = 0
T O N E = 1
S t e p 4
S t e p 4
D T M . O n e B u r s t _ C y c l e . i n i s h e d I n t e r r u p t
B U R S T = 1
DTMF Burst_mode
Tone frequency
Output Frequency (Hz)
% Error
Specified
Actual
697
699
+0.29%
770
766
-0.52%
852
847
-0.59%
941
948
+0.74%
1209
1215
+0.50%
1336
1332
-0.30%
1477
1472
-0.34%
% Error does not contain the crystal frequency shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com