Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8341 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8341 Datasheet HTML 2Page - Analog Devices AD8341 Datasheet HTML 3Page - Analog Devices AD8341 Datasheet HTML 4Page - Analog Devices AD8341 Datasheet HTML 5Page - Analog Devices AD8341 Datasheet HTML 6Page - Analog Devices AD8341 Datasheet HTML 7Page - Analog Devices AD8341 Datasheet HTML 8Page - Analog Devices AD8341 Datasheet HTML 9Page - Analog Devices AD8341 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8341
Rev. 0 | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
GAIN SETPOINT
0
0.3
0.5
0.9
1.0
0.8
0.7
0.6
0.4
0.2
0.1
0
–5
–40
–10
–15
–20
–25
–30
–35
PHASE SETPOINT = 180
°
PHASE SETPOINT = 270
°
PHASE SETPOINT = 90
°
PHASE SETPOINT = 0
°
Figure 3. Gain Magnitude vs. Gain Setpoint at Different
Phase Setpoints, RF Frequency = 1900 MHz
GAIN SETPOINT
6
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
0
0.1
1.0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
PHASE SETPOINT = 180
°
PHASE SETPOINT = 270
°
PHASE SETPOINT = 225
°
PHASE SETPOINT = 0
°
PHASE SETPOINT = 90
°
PHASE SETPOINT = 45
°
PHASE SETPOINT = 135
°
PHASE SETPOINT = 315
°
Figure 4. Gain Conformance Error vs. Gain Setpoint at
Different Phase Setpoints, RF Frequency = 1900 MHz
PHASE SETPOINT (Degrees)
–2
45
–28
–26
–24
–22
–20
–18
–16
–14
–12
–10
–8
–6
–4
315
270
360
180
90
135
225
0
GAIN SETPOINT = 0.1
GAIN SETPOINT = 0.5
GAIN SETPOINT = 0.25
GAIN SETPOINT = 1.0
Figure 5. Gain Magnitude vs. Phase Setpoint at Different
Gain Setpoints, RF Frequency = 1900 MHz
1.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
PHASE SETPOINT (Degrees)
45
315
270
360
180
90
135
225
0
GAIN SETPOINT = 0.1
GAIN SETPOINT = 0.25
GAIN SETPOINT = 0.5
GAIN SETPOINT = 1.0
Figure 6. Gain Conformance Error vs. Phase Setpoint at
Different Gain Setpoints, RF Frequency = 1900 MHz
PHASE SETPOINT (Degrees)
360
315
270
225
180
135
90
45
0
0
360
315
270
225
180
135
90
45
GAIN SETPOINT = 1.0
GAIN SETPOINT = 0.1
GAIN SETPOINT = 0.25
GAIN SETPOINT = 0.5
Figure 7. Phase vs. Phase Setpoint at
Different Gain Setpoints, RF Frequency = 1900 MHz
PHASE SETPOINT (Degrees)
0
45
90
135
360
180
225
270
315
25
–15
–10
–5
0
5
10
15
20
GAIN SETPOINT = 0.1
GAIN SETPOINT = 0.5
GAIN SETPOINT = 1.0
GAIN SETPOINT = 0.25
Figure 8. Phase Error vs. Phase Setpoint at Different Gain Setpoints,
RF Frequency = 1900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com