Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8341 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8341 Datasheet HTML 12Page - Analog Devices AD8341 Datasheet HTML 13Page - Analog Devices AD8341 Datasheet HTML 14Page - Analog Devices AD8341 Datasheet HTML 15Page - Analog Devices AD8341 Datasheet HTML 16Page - Analog Devices AD8341 Datasheet HTML 17Page - Analog Devices AD8341 Datasheet HTML 18Page - Analog Devices AD8341 Datasheet HTML 19Page - Analog Devices AD8341 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8341
Rev. 0 | Page 18 of 20
Components
Function
Default Conditions
C2, C4, C7,
C9, C14, C1,
C3, C8, C10,
R2, R4, R5, R6
Supply Decoupling.
C2, C4, C7, C9, C14 = 0.1 µF
(Size 0603)
C1, C3, C8, C10 = 100 pF
(Size 0603)
R2, R4, R5, R6 = 0 Ω
(Size 0603)
R8, SW1
Output Disable Interface. The output stage of the AD8341 is disabled by applying a high
voltage to the DSOP pin by moving SW1 to Position B. The output stage is enabled moving
SW1 to Position A. The output disable function can also be exercised by applying an exter-
nal high or low voltage to the DSOP SMA connector with SW1 in Position A.
R8 = 10 kΩ (Size 0603)
SW1 = SPDT (Position A,
Output Enabled)
DSOP
VPS2
VPRF
CMRF
RFIN
RFIP
CMOP
CMOP
RFOM
RFOP
QFLP
CMOP
CMOP
CMRF
VPRF
IFLP
AD8341
C12
(OPEN)
C11
(OPEN)
C8
100pF
L3
1.2nH
C6
100pF
L4
1.2nH
C5
100pF
IBBM
IBBP
VS
RFIN
VP
QBBP
QBBM
L2
120nH
L1
120nH
C14
0.1
µF
C10
100pF
C9
0.1
µF
VP
C17
100pF
C18
100pF
RFOP
B
A
C1
100pF
C7
0.1
µF
R5
0
Ω
R4
0
Ω
C3
100pF
C4
0.1
µF
T1
ETC1-1-13
M/A-COM
SW1
R8
10k
Ω
R2
0
Ω
C2
0.1
µF
VP
TEST POINT
GND
TEST POINT
DSOP
VS
R14
4k
Ω
R11
2k
Ω
R15
44k
Ω
C15
0.1
µF
W4
R21
0
Ω
R19
0
Ω
W3
R20
0
Ω
R9
(OPEN)
R7
(OPEN)
C19
0.1
µF
VS
R12
4k
Ω
R10
2k
Ω
R13
44k
Ω
R6
0
Ω
C16
0.1
µF
W2
R17
0
Ω
R16
0
Ω
W1
R18
0
Ω
R1
(OPEN)
R3
(OPEN)
C20
0.1
µF
Figure 41. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com