Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8341 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8341
Description  1.5 GHz to 2.4 GHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8341 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8341 Datasheet HTML 11Page - Analog Devices AD8341 Datasheet HTML 12Page - Analog Devices AD8341 Datasheet HTML 13Page - Analog Devices AD8341 Datasheet HTML 14Page - Analog Devices AD8341 Datasheet HTML 15Page - Analog Devices AD8341 Datasheet HTML 16Page - Analog Devices AD8341 Datasheet HTML 17Page - Analog Devices AD8341 Datasheet HTML 18Page - Analog Devices AD8341 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8341
Rev. 0 | Page 15 of 20
1RM
1AVG
A
SPAN 10MHz
1MHz/
CENTER 1.96Hz
–20
–12
–40
–50
–60
–70
–80
–90
–100
–112
MARKER 1 [T1 ]
–18.47dBm
1.95999900GHz
1
RBW 30kHz
VBW 100kHz
SWT 500ms
RF ATT 0dB
UNIT dBm
REF LVL
–12dBm
–30
0.3dB OFFSET
1 [T1]
–18.47dBm
1.95999900GHz
CH PWR
–4.06dBm
ACP UP
–77.64dBm
ACP LOW
–76.66dBm
C11
C11
C0
C0
CU1
CU1
Figure 35. Output Spectrum, 1960 MHz, Single-Carrier CDMA2000
Test Model at −4 dBm, VBBI = VBBQ = 0.353 V, Adjacent Channel Power
Measured at ±2.25 MHz Carrier Offset in 1 MHz BW Input Signal Filtered
Using a Cavity Tuned Filter (Pass Band = 6.8 MHz)
Holding the differential I and Q control voltages steady at
0.353 V, input power was swept. Figure 36 shows variation in
spurious content, again measured at ±2.25 MHz carrier offset in
a 1 MHz bandwidth, as defined by the 3GPP2 specification.
–70
–90
–88
–86
–84
–82
–80
–78
–76
–74
–72
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
OUTPUT POWER (dBm)
Figure 36. Adjacent Channel Power vs. Output Power,
CDMA2000 Single Carrier @ 1960 MHz; ACP Measured at
±2.25 MHz Carrier Offset (1 MHz BW); VBBI = VBBQ = 0.353 V
With a fixed input power of 2.4 dBm, the output power was
again swept by exercising the I and Q inputs. VBBI and VBBQ were
kept equal and were swept from 100 mV to 500 mV. The result-
ing output power and ACP are shown in Figure 37.
0
–30
–25
–20
–15
–10
–5
0
0.1
0.2
0.3
0.4
0.5
IQ CONTROL VOLTAGE
–60
–65
–70
–75
–80
–85
–90
Figure 37. Output Power and ACP vs. I and Q Control Voltages,
CDMA2000 Test Model, VBBI = VBBQ, ACP Measured at
±2.25 MHz Carrier Offset in 1 MHz BW
Figure 37 shows that for a fixed input power, the ACP (measured in
dBm) tracks the output power as the gain is changed.
WCDMA APPLICATION
Figure 38 shows a plot of the output spectrum of the AD8341
transmitting a single-carrier WCDMA signal (Test Model 1-64
at 2140 MHz). The carrier power is approximately −9 dBm. The
differential I and Q control voltages are both equal to 0.353 V,
that is, the vector is sitting on the unit circle at 45°. At this
power level, an adjacent channel power ratio of −61 dBc is
achieved. The alternate channel power ratio of −72 dBc is
dominated by the noise floor of the AD8341.
1RM
SPAN 25MHz
2.5MHz/
CENTER 2.14GHz
–30
–24
–50
–60
–70
–80
–90
–100
–110
–120
–124
OFFSET 1dB
–40
A
MARKER 1 [T1 ]
–28.39dBm
2.14050000GHz
RBW 30kHz
VBW 300kHz
SWT 1s
RF ATT 0dB
UNIT dBm
REF LVL
–24dBm
1 [T1]
–28.39dBm
2.14050000GHz
CH PWR
–8.95dBm
ACP UP
–60.78dB
ACP LOW
–60.82dB
ALT1 UP
–72.67dB
ALT1 LOW
–72.66dB
1
C12
C12
C11
C11
C0
C0
CU1
CU1
CU2
Figure 38. AD8341 Single-Carrier WCDMA Spectrum at 2140 MHz
Figure 39 shows how ACPR and noise vary with varying input
power (differential I and Q control voltages are held at 0.353 V).
At high power levels, both adjacent and alternate channel power
ratios increase sharply. As output power drops, adjacent and
alternate channel power ratios both reach minimums before the
measurement becomes dominated by the noise floor of the
AD8341. At this point, adjacent and alternate channel power
ratios become approximately equal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com