Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL28541BZCT Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SL28541BZCT
Description  Clock Generator for Intel짰Mobile Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28541BZCT Datasheet(HTML) 5 Page - Silicon Laboratories

  SL28541BZCT Datasheet HTML 1Page - Silicon Laboratories SL28541BZCT Datasheet HTML 2Page - Silicon Laboratories SL28541BZCT Datasheet HTML 3Page - Silicon Laboratories SL28541BZCT Datasheet HTML 4Page - Silicon Laboratories SL28541BZCT Datasheet HTML 5Page - Silicon Laboratories SL28541BZCT Datasheet HTML 6Page - Silicon Laboratories SL28541BZCT Datasheet HTML 7Page - Silicon Laboratories SL28541BZCT Datasheet HTML 8Page - Silicon Laboratories SL28541BZCT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
SL28541
........................ DOC #: SP-AP-0063 (Rev. AA) Page 5 of 31
60
CPU#0
O, DIF Differential CPU clock outputs.
61
CPU0
O, DIF Differential CPU clock outputs.
62
VDD_CPU
PWR
3.3V Power supply for CPU PLL.
63
CKPWRGD/PD#
I
3.3V LVTTL input. This pin is a level sensitive strobe used to latch the FS_A, FS_B,
FS_C, FS_D, SRC5_SEL, and ITP_EN.
After CKPWRGD (active HIGH) assertion, this pin becomes a real-time input for
asserting power down (active LOW).
64
FSB/TEST_MODE
I
3.3V tolerant input for CPU frequency selection.
Selects Ref/N or Tri-state when in test mode
0 = Tri-state, 1 = Ref/N.
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications.
64 QFN Pin Definitions (continued)
Pin No.
Name
Type
Description
64 TSSOP Pin Definition
Pin No.
Name
Type
Description
1
PCI0/OE#_0/2_A
I/O, SE 3.3V, 33MHz clock/3.3V OE# Input mappable via I2C to control either SRC0 or
SRC2. (Default PCI0, 33MHz clock)
2
VDD_PCI
PWR
3.3V Power supply for PCI PLL.
3
PCI1/OE#_1/4_A
I/O, SE 3.3V, 33MHz clock/3.3V OE# Input mappable via I2C to control either SRC1 or
SRC4. (Default PCI1, 33MHz clock)
4
PCI2/TME
I/O, SE 3.3V tolerance input for overclocking enable pin/3.3V, 33MHz clock.
(Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications)
5
PCI3
O, SE, 33 MHz clock.
6
PCI4 / GCLK_SEL
I/O, SE 33 MHz clock output/3.3V-tolerant input for selecting graphic clock source on pin
13, 14, 17and 18
Sampled on CKPWRGD assertion
7
PCIF_0/ITP_EN
I/O, SE 3.3V LVTTL input to enable SRC8 or CPU2_ITP/33 MHz clock output. (sampled
on the CK_PWRGD assertion)
1 = CPU2_ITP, 0 = SRC8
8
VSS_PCI
GND
Ground for outputs.
9
VDD_48
PWR
3.3V Power supply for outputs and PLL.
10
USB_48/FSA
I/O
3.3V tolerant input for CPU frequency selection/fixed 3.3V, 48MHz clock output.
(Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications)
11
VSS_48
GND
Ground for outputs.
12
VDD_IO
PWR
0.7V Power supply for outputs.
13
SRC0/DOT96
O, DIF 100MHz Differential serial reference clocks/Fixed 96MHz clock output.
(Selected via I2C default is SRC0)
14
SRC0#/DOT96#
O, DIF 100MHz Differential serial reference clocks/Fixed 96MHz clock output.
(Selected via I2C default is SRC0)
15
VSS_IO
GND
Ground for PLL2.
16
VDD_PLL3
PWR
3.3V Power supply for PLL3
GCLK_SEL
Pin13
Pin14
Pin17
Pin 18
0
DOT96T DOT96C SRC1T/LCD_100T SRC1C/LCD_100C
1
SRCT0
SRCC0
27M_NSS
27M_SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com