Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2213 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2213
Description  Sequenced Portable Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2213 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2213 Datasheet HTML 1Page - Micrel Semiconductor MIC2213 Datasheet HTML 2Page - Micrel Semiconductor MIC2213 Datasheet HTML 3Page - Micrel Semiconductor MIC2213 Datasheet HTML 4Page - Micrel Semiconductor MIC2213 Datasheet HTML 5Page - Micrel Semiconductor MIC2213 Datasheet HTML 6Page - Micrel Semiconductor MIC2213 Datasheet HTML 7Page - Micrel Semiconductor MIC2213 Datasheet HTML 8Page - Micrel Semiconductor MIC2213 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
July 2003
5
MIC2213
MIC2213
Micrel
Parameter
Conditions
Min
Typ
Max
Units
DRV Output
Voltage Low
I
DRV = 150mA
0.2
0.5
V
0.6
Leakage Current
I
DRV = 0mA, VDRV = 5.5V, SW = 0V
–1
0.01
+1
µA
SW Input Voltage
Logic Low (DRV Shutdown)
0.6
V
Logic High (DRV Enabled)
1.8
V
SW Input Current
V
IL < 0.6V (DRV Shutdown)
–1
0.01
+1
µA
V
IH > 1.8V (DRV Enabled)
–1
0.01
+1
µA
SET Input
SET Pin Current Source
V
SET = 0V
0.75
1.25
1.75
µA
SET Pin Threshold Voltage
P
OR = High
1.25
V
Note 1.
Exceeding maximum rating may damage the device.
Note 2.
The device is not guaranteed to work outside its operating rating.
Note 3.
The maximum allowable power dissipation of any T
A (ambient temperature) is (PD(max) = TJ(max) – TA) / θJA. Exceeding the maximum
allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
Note 4.
Specification for packaged product only.
Note 5.
Minimum input for line regulation test is set to V
OUT + 1V relative to the highest output voltage.
Note 6.
Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential. For outputs below 2.25V, dropout voltage is the input-to-output voltage differential with the minimum input voltage 2.25V. Minimum
input operating voltage is 2.25V.
Note 7.
Time measured from output of regulator 1 reaching 90% of its final value to output of regulator 2 reaching 90% of its final value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com