Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2213 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2213
Description  Sequenced Portable Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2213 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2213 Datasheet HTML 3Page - Micrel Semiconductor MIC2213 Datasheet HTML 4Page - Micrel Semiconductor MIC2213 Datasheet HTML 5Page - Micrel Semiconductor MIC2213 Datasheet HTML 6Page - Micrel Semiconductor MIC2213 Datasheet HTML 7Page - Micrel Semiconductor MIC2213 Datasheet HTML 8Page - Micrel Semiconductor MIC2213 Datasheet HTML 9Page - Micrel Semiconductor MIC2213 Datasheet HTML 10Page - Micrel Semiconductor MIC2213 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
July 2003
9
MIC2213
MIC2213
Micrel
Functional Diagram
OUT1
OUT2
POR
DRV
NGND
GND
SW
CBYP
SET
EN
VIN
LDO1
LDO2
Reference
Delay
MIC2213 Fixed Voltage Block Diagram
OUT1
OUT2
POR
DRV
NGND
GND
SW
CBYP
SET
EN
VIN
ADJ2
ADJ1
LDO1
LDO2
Reference
Delay
MIC2213 Adjustable Voltage Block Diagram
Functional Description
The MIC2213 is a high performance, low quiescent current
power management IC consisting of two
µCap low dropout
regulators, a power-on reset (POR) circuit and an open-drain
driver. The first regulator is capable of sourcing 150mA at
output voltages from 1.25V to 5V. The second regulator is
capable of sourcing 300mA of current at output voltages from
1.25V to 5V. The second regulator has a POR circuit that
monitors its output voltage and indicates when the output
voltage is within 5% of nominal. The POR offers a delay time
that is externally programmable with a single capacitor to
ground. An open-drain driver completes the power manage-
ment chipset, offering the capability of driving LEDs for
keypad backlighting in applications such as cellphones.
Enable
The enable input allows for logic control of both output
voltages with one enable input. The enable input is active
high, requiring 1.8V for guaranteed operation. The enable
input is CMOS logic and cannot by left floating.
Power-On Reset (POR)
The power-on reset output is an open-drain N-channel de-
vice, requiring a pull-up resistor to either the input voltage or
output voltage for proper voltage levels. The POR output has
a delay time that is programmable with a capacitor from the
SET pin to ground. The delay time can be programmed to be
as long as 1 second.
The SET pin is a current source output that charges a
capacitor that sets the delay time for the power-on reset
output. The current source is a 1
µA current source that
charges a capacitor up from 0V. When the capacitor reaches
1.25V, the output of the POR is allowed to go high.
Open-Drain Driver (DRV)
The drive (DRV) pin is an open-drain output capable of
sinking 150mA of current. This output is controlled by a logic
level input, the switch (SW) pin. The switch pin is an active
high input and cannot be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com