Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2213 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2213
Description  Sequenced Portable Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2213 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2213 Datasheet HTML 1Page - Micrel Semiconductor MIC2213 Datasheet HTML 2Page - Micrel Semiconductor MIC2213 Datasheet HTML 3Page - Micrel Semiconductor MIC2213 Datasheet HTML 4Page - Micrel Semiconductor MIC2213 Datasheet HTML 5Page - Micrel Semiconductor MIC2213 Datasheet HTML 6Page - Micrel Semiconductor MIC2213 Datasheet HTML 7Page - Micrel Semiconductor MIC2213 Datasheet HTML 8Page - Micrel Semiconductor MIC2213 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
July 2003
1
MIC2213
MIC2213
Micrel
MIC2213
Sequenced Portable Power Management IC
General Description
The MIC2213 is a dual
µCap low dropout regulator with an
open-drain driver and power-on reset circuit. The first regu-
lator is capable of sourcing 150mA, while the second regula-
tor can source up to 300mA. A power-on reset function
monitors both outputs, indicating a fault on either output 1 or
output 2. The open-drain output is capable of sinking 150mA
for LED backlighting applications.
The MIC2213 adds the additional feature of sequencing
between the outputs, with the output of regulator 1 having to
settle before the output of regulator 2 can begin to turn-on.
Ideal for battery operated applications, the MIC2213 offers
1% accuracy, extremely low dropout voltage (80mV @
100mA), and extremely low ground current, only 48
µA total.
Equipped with a TTL logic compatible enable pin, the MIC2213
can be put into a zero-off-mode current state, drawing no
current when disabled.
The MIC2213 is a
µCap design, operating with very small
ceramic output capacitors for stability, reducing required
board space and component cost.
The MIC2213 is available in fixed output voltages in the
10-pin 3mm
× 3mm MLF™ leadless package and is also
available with adjustable output voltages in the 4mm
× 4mm
16-pin MLF™ package.
Typical Application
VIN
VIN
CDELAY
EN
CBYP
SW
0.01
µF
1
µF
100k
Ω
SET
Keyboard Backlighting LED
Baseband
µProcessor
VOUT1
VANALOG
VOUT2
POR
VDIGITAL
VCORE
/RST
DRV
GND
MIC2213-xxBML
1
µF
Ceramic
OFF
ON
OFF
ON
MEMORY
MIC2213 Typical Cellphone Application
Features
• 2 LDO outputs
• Output 1 - 150mA output current
• Output 2 - 300mA output current
• 1 Open-drain driver
• Power-on reset function with adjustable delay time
• Sequencing between outputs 1 and 2
• Input voltage range: 2.25V to 5.5V
• Stable with ceramic output capacitor
• Low dropout voltage of 80mV @ 100mA
• Ultra-low quiescent current of 48
µA
• High output accuracy:
• +1.0% initial accuracy
• +2.0% over temperature
• Thermal Shutdown Protection
• Current Limit Protection
• Tiny 3mm
××××× 3mm MLF™-10 package
Applications
• Cellular/PCS phones
• Wireless modems
• PDAs
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
MicroLeadFrame and MLF are trademarks of Amkor Technology.


Similar Part No. - MIC2213

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2213 MICREL-MIC2213 Datasheet
1,001Kb / 11P
Sequenced Portable Power Management IC
MIC2213-1.8/2.85BML MICREL-MIC2213-1.8/2.85BML Datasheet
1,001Kb / 11P
Sequenced Portable Power Management IC
MIC2213-2.5/3.3BML MICREL-MIC2213-2.5/3.3BML Datasheet
1,001Kb / 11P
Sequenced Portable Power Management IC
MIC2213-AABML MICREL-MIC2213-AABML Datasheet
1,001Kb / 11P
Sequenced Portable Power Management IC
MIC2213-AAYML MICREL-MIC2213-AAYML Datasheet
1,001Kb / 11P
Sequenced Portable Power Management IC
More results

Similar Description - MIC2213

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2214 MICREL-MIC2214 Datasheet
233Kb / 11P
Portable Power Management IC
logo
Active-Semi, Inc
ACT8706 ACTIVE-SEMI-ACT8706 Datasheet
92Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
09-Nov-07
ACT8712 ACTIVE-SEMI-ACT8712 Datasheet
111Kb / 2P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
03-Feb-08
ACT8352 ACTIVE-SEMI-ACT8352 Datasheet
166Kb / 2P
Four-Channel Integrated Power Management IC for Handheld Portable Equipment
05-May-09
ACT8712 ACTIVE-SEMI-ACT8712_08 Datasheet
655Kb / 36P
Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
logo
Micrel Semiconductor
MIC23060 MICREL-MIC23060 Datasheet
738Kb / 15P
Sequenced Power Management IC with HyperLight Load??DC/DC and Dual Input LDO?
MIC2213 MICREL-MIC2213_05 Datasheet
1,001Kb / 11P
Sequenced Portable Power Management IC
logo
Richtek Technology Corp...
RT9912A RICHTEK-RT9912A Datasheet
233Kb / 14P
Multi-Channel Power Management IC for Portable Device
logo
Shenzhen Huazhimei Semi...
HM8332 HMSEMI-HM8332 Datasheet
209Kb / 8P
Three Channels Integrated Power Management IC for Handheld Portable Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com