Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST78C34IP40 Datasheet(PDF) 5 Page - Exar Corporation

Part # ST78C34IP40
Description  GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C34IP40 Datasheet(HTML) 5 Page - Exar Corporation

  ST78C34IP40 Datasheet HTML 1Page - Exar Corporation ST78C34IP40 Datasheet HTML 2Page - Exar Corporation ST78C34IP40 Datasheet HTML 3Page - Exar Corporation ST78C34IP40 Datasheet HTML 4Page - Exar Corporation ST78C34IP40 Datasheet HTML 5Page - Exar Corporation ST78C34IP40 Datasheet HTML 6Page - Exar Corporation ST78C34IP40 Datasheet HTML 7Page - Exar Corporation ST78C34IP40 Datasheet HTML 8Page - Exar Corporation ST78C34IP40 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
6-7
ST78C34
Rev. 3.00
SYMBOL DESCRIPTION
Symbol
Pin
Signal
Pin Description
40
44
type
GND
20
23
O
Signal and power ground.
RESET
21
24
I
Master reset (active high). A high on this pin will reset all the
outputs and internal registers.
-STROBE
22
25
I/O
General purpose I/O or strobe output (open drain active low, with
internal pull-up). To transfer latched data to the external peripheral
or printer.
-AUTOFDXT
23
26
I/O
General purpose I/O or line printer auto feed (open drain active
low, with internal pull-up). To signal the printer for continuous form
feed.
INIT
24
27
I/O
General purpose I/O or line printer initialize (open drain active
high, with internal pull-up). To signal the line printer to enter
internal initialization routine.
-SLCTIN
25
28
I/O
General purpose I/O or line printer select (open drain active low,
with internal pull-up). To select the line printer.
GND
26
30
O
Power and signal ground.
PD0-PD7
27-34
31-38
I/O
Bi-directional parallel ports (three state). To transfer data in or out
of the ST78C34 parallel port. PD7-PD0 are latched during output
mode.
A0-A1
36-37
40-41
I
Address lines. To select internal registers.
-IOW
38
42
I
Write strobe (active low). A low on this pin will transfer the contents
of the CPU data bus to the addressed register.
-IOR
39
43
I
Read strobe (active low). A low level on this pin transfers the
contents of the ST78C34 data bus to the CPU.
VCC
40
44
I
Power supply input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com