Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST78C34IP40 Datasheet(PDF) 8 Page - Exar Corporation

Part # ST78C34IP40
Description  GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C34IP40 Datasheet(HTML) 8 Page - Exar Corporation

Back Button ST78C34IP40 Datasheet HTML 4Page - Exar Corporation ST78C34IP40 Datasheet HTML 5Page - Exar Corporation ST78C34IP40 Datasheet HTML 6Page - Exar Corporation ST78C34IP40 Datasheet HTML 7Page - Exar Corporation ST78C34IP40 Datasheet HTML 8Page - Exar Corporation ST78C34IP40 Datasheet HTML 9Page - Exar Corporation ST78C34IP40 Datasheet HTML 10Page - Exar Corporation ST78C34IP40 Datasheet HTML 11Page - Exar Corporation ST78C34IP40 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
6-10
ST78C34
Rev. 3.00
COM BIT-2:
INIT input pin.
0= INIT pin is in low state
1= INIT pin is in high state
COM BIT-3:
-SLCTIN input pin.
0= -SLCTIN pin is in high state
1= -SLCTIN pin is in low state
COM BIT-4:
Interrupt mask.
0= Interrupt (INT output) is disabled
1= Interrupt (INT output) is enabled
COM BIT 7-5:
Not used. Are set to “1” permanently.
CONTROL REGISTER.
Writing to this register will set the state of the -
STROBE, -AUTOFDXT, INIT, SLCTIN pins, and in-
terrupt mask register.
CON BIT-0:
-STROBE output control bit.
0= -STROBE output is set to high state
1= -STROBE output is set to low state
CON BIT-1:
-AUTOFDXT output control bit.
0= -AUTOFDXT output is set to high state
1= -AUTOFDXT output is set to low state
CON BIT-2:
INIT output control bit.
0= INIT output is set to low state
1= INIT output is set to high state
CON BIT-3:
-SLCTIN output control bit.
0= -SLCTIN output is set to high state
1= -SLCTIN output is set to low state
CON BIT-4:
Interrupt output control bit.
0= INT output is disabled (three state mode)
1= INT output is enabled
CON BIT-5:
I/O select. Direction of the PD7-PD0 can be selected
by setting or clearing this bit.
0= PD7-PD0 are set for output mode
1= PD7-PD0 are set for input mode
CON BIT 7-6:
Not used.
ALTERNATE FUNCTION REGISTER (AFR)
This register En/Disables FIFO operation and pro-
vides additional capabilities to control -STROBE. INT
and change interrupt functions.
AFR BIT 0-2:
Timing select.
The -STROBE delay and width can be controlled by
these bits.
AFR
AFR
AFR
TSD
TSW
Bit-2
Bit-1
Bit-0
(clocks)
(clocks)
100
3
2
101
5
4
110
5
4
111
9
8
000
6
4
001
10
8
010
10
8
0
1
1
18
16
AFR BIT-3:
Interrupt source.
0= -ACK input pin is selected as printer handshaking
source
1= BUSY input pin is selected as printer handshaking
source
AFR BIT 4-5:
Interrupt type. State of the INT output pin can be
selected for one of the following options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com