Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST78C34IP40 Datasheet(PDF) 9 Page - Exar Corporation

Part # ST78C34IP40
Description  GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C34IP40 Datasheet(HTML) 9 Page - Exar Corporation

Back Button ST78C34IP40 Datasheet HTML 5Page - Exar Corporation ST78C34IP40 Datasheet HTML 6Page - Exar Corporation ST78C34IP40 Datasheet HTML 7Page - Exar Corporation ST78C34IP40 Datasheet HTML 8Page - Exar Corporation ST78C34IP40 Datasheet HTML 9Page - Exar Corporation ST78C34IP40 Datasheet HTML 10Page - Exar Corporation ST78C34IP40 Datasheet HTML 11Page - Exar Corporation ST78C34IP40 Datasheet HTML 12Page - Exar Corporation ST78C34IP40 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
6-11
ST78C34
Rev. 3.00
Bit-5
Bit-4
INT output
STR
STR
bit-0
bit-6
0
0
Normal mode
1
-ACK
0
1
FIFO empty
1
FIFO empty
1
0
FIFO full
1
FIFO full
1
1
FIFO empty
0
FIFO empty
AFR BIT-6:
INT output polarity.
0= Normal. INT output follows the -ACK input
1= Inverted INT output
AFR BIT-7:
FIFO enable / disable function.
0= FIFO is disabled( default mode).
1= FIFO is enabled. Internal 83 byte of FIFO is
enabled.
FIFO BYTE COUNT REGISTER (FBCR)
State and content of the printer FIFO can be moni-
tored by reading this register.
FCBR BIT 0-6:
FIFO byte count. Number of characters left in FIFO.
FCRB bit-0 is the LSB bit of the counter and FCRB bit-
6 is the MSB bit of the counter.
FBCR BIT-7:
FIFO state.
0= FIFO is enabled
1= FIFO is disabled
ST78C34 EXTERNAL RESET CONDITION
SIGNALS
RESET STATE
PD0-PD7
Unknown, output mode
-STROBE
High
-AUTOFDXT
High
INIT
Low
-SLCTIN
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com