Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYW43353 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYW43353
Description  Single-Chip 5G MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43353 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYW43353 Datasheet HTML 1Page - Cypress Semiconductor CYW43353 Datasheet HTML 2Page - Cypress Semiconductor CYW43353 Datasheet HTML 3Page - Cypress Semiconductor CYW43353 Datasheet HTML 4Page - Cypress Semiconductor CYW43353 Datasheet HTML 5Page - Cypress Semiconductor CYW43353 Datasheet HTML 6Page - Cypress Semiconductor CYW43353 Datasheet HTML 7Page - Cypress Semiconductor CYW43353 Datasheet HTML 8Page - Cypress Semiconductor CYW43353 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 113 page
background image
Document No. 002-14949 Rev. *F
Page 2 of 113
PRELIMINARY
CYW43353
Features
IEEE 802.11x Key Features
■ IEEE 802.11ac compliant.
■ Single-stream spatial multiplexing up to 433.3 Mbps data
rate.
■ Supports 20, 40, and 80 MHz channels with optional SGI
(256 QAM modulation).
■ Full IEEE 802.11a/b/g/n legacy compatibility with enhanced
performance.
■ Tx and Rx low-density parity check (LDPC) support for
improved range and power efficiency.
■ Supports Rx space-time block coding (STBC)
■ Supports IEEE 802.11ac/n beamforming.
■ On-chip power amplifiers and low-noise amplifiers for both
bands.
■ Support for optional front-end modules (FEM) with external
PAs and LNAs
■ Shared Bluetooth and WLAN receive signal path eliminates
the need for an external power splitter while maintaining
excellent sensitivity for both Bluetooth and WLAN.
■ Internal fractional nPLL allows support for a wide range of
reference clock frequencies
■ Supports IEEE 802.15.2 external coexistence interface to
optimize bandwidth utilization with other co-located wireless
technologies such as LTE, GPS, or WiMAX
■ Supports standard SDIO v3.0 (including DDR50 mode at
50 MHz and SDR104 mode at 208 MHz, 4-bit and 1-bit), and
gSPI (48 MHz) host interfaces.
■ Backward compatible with SDIO v2.0 host interfaces.
■
■ Integrated ARMCR4™ processor with tightly coupled mem-
ory for complete WLAN subsystem functionality, minimizing
the need to wake up the applications processor for standard
WLAN functions. This allows for further minimization of
power consumption, while maintaining the ability to field
upgrade with future features. On-chip memory includes 768
KB SRAM and 640 KB ROM.
■ OneDriver™ software architecture for easy migration from
existing embedded WLAN and Bluetooth devices as well as
future devices.
Bluetooth Key Features
■ Complies with Bluetooth Core Specification Version 4.1 for
automotive and industrial applications with provisions for sup-
porting future specifications.
■ Bluetooth Class 1 or Class 2 transmitter operation.
■ Supports extended synchronous connections (eSCO), for
enhanced voice quality by allowing for retransmission of
dropped packets.
■ Adaptive frequency hopping (AFH) for reducing radio fre-
quency interference.
■ Interface support, host controller interface (HCI) using a
high-speed UART interface and PCM for audio data.
■ Supports multiple simultaneous Advanced Audio Distribution
Profiles (A2DP) for stereo sound.
■ Automatic frequency detection for standard crystal and
TCXO values.
■ Supports low energy host wake-up for long term system
sleep capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com