Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYW43353 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CYW43353
Description  Single-Chip 5G MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43353 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CYW43353 Datasheet HTML 19Page - Cypress Semiconductor CYW43353 Datasheet HTML 20Page - Cypress Semiconductor CYW43353 Datasheet HTML 21Page - Cypress Semiconductor CYW43353 Datasheet HTML 22Page - Cypress Semiconductor CYW43353 Datasheet HTML 23Page - Cypress Semiconductor CYW43353 Datasheet HTML 24Page - Cypress Semiconductor CYW43353 Datasheet HTML 25Page - Cypress Semiconductor CYW43353 Datasheet HTML 26Page - Cypress Semiconductor CYW43353 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 113 page
background image
Document No. 002-14949 Rev. *F
Page 23 of 113
PRELIMINARY
CYW43353
5.5 Bluetooth Power Management Unit
The Bluetooth Power Management Unit (PMU) provides power management features that can be invoked by either software through
power management registers or packet handling in the baseband core. The power management functions provided by the
CYW43353 are:
■ RF Power Management
■ Host Controller Power Management
■ BBC Power Management
5.5.1 RF Power Management
The BBC generates power-down control signals to the 2.4 GHz transceiver for the transmit path, receive path, PLL, and power
amplifier. The transceiver then processes the power-down functions accordingly.
5.5.2 Host Controller Power Management
When running in UART mode, the CYW43353 may be configured so that dedicated signals are used for power management hand-
shaking between the CYW43353 and the host. The basic power saving functions supported by those handshaking signals include
the standard Bluetooth defined power savings modes and standby modes of operation.
Table 4 describes the power-control handshake signals used with the UART interface.
Table 4. Power Control Pin Description
Signal
Mapped to Pin
Type
Description
BT_DEV_WAKE
BT_GPIO_0
I
Bluetooth device wake-up: Signal from the host to the CYW43353
indicating that the host requires attention.
•
Asserted: The Bluetooth device must wake-up or remain awake.
•
Deasserted: The Bluetooth device may sleep when sleep criteria are
met.
The polarity of this signal is software configurable and can be asserted
high or low.
BT_HOST_WAKE
BT_GPIO_1
O
Host wake up. Signal from the CYW43353 to the host indicating that the
CYW43353 requires attention.
•
Asserted: host device must wake-up or remain awake.
•
Deasserted: host device may sleep when sleep criteria are met.
The polarity of this signal is software configurable and can be asserted
high or low.
CLK_REQ
BT_CLK_REQ_OUT
WL_CLK_REQ_OUT
O
The CYW43353 asserts CLK_REQ when either the Bluetooth or WLAN
block wants the host to turn on the reference clock. The CLK_REQ polarity
is active-high. Add an external 100 kΩ pull-down resistor to ensure the
signal is deasserted when the CYW43353 powers up or resets when
VDDIO is present.
Note: Pad function Control Register is set to 0 for these pins. See DC Characteristics for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com