Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIP3250A Datasheet(PDF) 17 Page - Micronas

Part # CIP3250A
Description  Component Interface Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CIP3250A Datasheet(HTML) 17 Page - Micronas

Back Button CIP3250A Datasheet HTML 13Page - Micronas CIP3250A Datasheet HTML 14Page - Micronas CIP3250A Datasheet HTML 15Page - Micronas CIP3250A Datasheet HTML 16Page - Micronas CIP3250A Datasheet HTML 17Page - Micronas CIP3250A Datasheet HTML 18Page - Micronas CIP3250A Datasheet HTML 19Page - Micronas CIP3250A Datasheet HTML 20Page - Micronas CIP3250A Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
ADVANCE INFORMATION
CIP 3250A
17
Micronas
Table 2–9: The I2C-bus addresses of the CIP 3250A – Device Address: 6E Hex (7 bit, R/W bit omitted, see Sec. 2.16.)
MIXAMP
amplification of Fast Blank amplitude
1
MSB
76
54
321
0
LSB
Bit
No.
Sub.
Addr.
00
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
NOISSU
noise shaping of U
–
SATU
saturation multiplier of U
32
NOISSV
noise shaping of V
–
SATV
saturation multiplier of V
32
NOISSY
noise shaping of Y
–
SATY
contrast multiplier of Y
32
BRY
brightness correction of Y
0
CBSON
CTBRST block
1
enable
MAON
matrix block
1
enable
SKWON
skew correction
–
enable
SMODE
saturation mode
0
CLSEL
clamping offset for Y
0
SKWCBS
skew filter mode
–
ATST
testbits
0
LPFLUM
luma low pass filter selection
–
PASSYUV
soft mixer control
0
D2KIN
input amplifier of
–
digital YUVin
DELAYU
UV format of YUVin
–
HALFOUT
output drive
0
CYLUM1
Y low pass filter
–
offset correction 1
CYLUM2
Y low pass filter
–
offset correction 2
CYCHR1
UV low pass filter
–
offset correction 1
CYCHR2
UV low pass filter
–
offset correction 2
LPFCHR
chroma low pass filter selection
–
–
TESTCLP
test clamping
0
YUV
analog input select
0
SE_4_8Q
analog gain control
0
SELAMP
analog gain control
0
CLMPOFS
RGB clamping offset
0
AVODIS
disable ACVOUT
–
1
–
DL1ON
delay of YUVin
UVBINCON
UV sign of YUVin
UVFRM3
UV format of YUVin
UVFRM1
UV format of YUVin
YLEVEL
convert Y format
–
SELDLY
adjust delay of RGB/YUV-path
1
SELLIN
select soft mixer
0
CTRLDLY
delay control
0
FBLOFF
Fast Blank offset correction
31
FBLTEN
Fast Blank test
0
PASSRGB
soft mixer control
1
OVR
override value for PRIO-interface
–
PRIOID
set PRIO priority
–
PRIOEN
access to Picture Bus
1
LOAD
adjust load strength of
–
Picture Bus and PRIO bus
PUDIS
disable pull up
–
of YUV/RBG output
UVSW
UV multiplex of
–
YUV output
BINO
UV sign of
–
output format
YUVO
select RGB/YUV
–
output format
DTI
UV output format
–
IND
UV output format
–
MOD411ON
UV output format
–
CDEL
select UV output sample from 4:4:4
–
YDEL
adjust Y output delay
–
ADD16Q
black level
–
of Y output
DL422Y
additional
–
Y output delay
DL422C
additional
–
UV output delay
SYNCIN
UV sync control
–
of YUVin
SYNCOUT
UV sync control
–
of YUV output
SYNCSIM
H-sync, V-sync
–
input
D2KSYNC
sync input at
–
FSY-pin
–
AVINT
AVO control
–
PXSKWON
pixel skew corretion
–
P72BEN
72 bit data bypass
–
–
–––
–
SECAM
delay for SECAM
FBLCLP
static Fast Blank
0
FBLDEL
delay Fast Blank vs. analog RGB/YUV
0
FSYINV
polarity FSY
AVOINV
polarity AVO
AVIINV
polarity AVI
–
NEGCLK
select active
clockedge
TESTLUY
test y channel
0
TESTCHU
test u channel
0
TESTCHV
test v channel
0
TESTFBL
test fbl channel
0
ICLPTST
test fbl clamp
0
duration
and IDDQ test
PRIOSRC
Source for
PRIO request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com