Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIP3250A Datasheet(PDF) 25 Page - Micronas

Part # CIP3250A
Description  Component Interface Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CIP3250A Datasheet(HTML) 25 Page - Micronas

Back Button CIP3250A Datasheet HTML 21Page - Micronas CIP3250A Datasheet HTML 22Page - Micronas CIP3250A Datasheet HTML 23Page - Micronas CIP3250A Datasheet HTML 24Page - Micronas CIP3250A Datasheet HTML 25Page - Micronas CIP3250A Datasheet HTML 26Page - Micronas CIP3250A Datasheet HTML 27Page - Micronas CIP3250A Datasheet HTML 28Page - Micronas CIP3250A Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
ADVANCE INFORMATION
CIP 3250A
25
Micronas
Function
Typical
Operation
Value
Bit No.
(LSB = 0)
Label
Sub-
Address
(decimal)
I2C registers for OUTPUT CONTROL
06
HALFOUT
4
0
Output drive duration
0 = output active a full clock cycle (only one IC on Picture Bus)
1 = output active half a clock cycle (more than one IC on Picture Bus)
09
AVODIS
1
0
disable AVO pin
0 = AVO pin is active
1 = AVO pin is tristate
14
PUDIS
3
0
disable pull-up transistors at GL, RC, and B output pins
0 = pull-up on (output is in push-pull mode)
1 = pull-up off (output is in open drain mode)
14
LOAD
2–0
0
adjust load of AVO, GL, RC, B and PRIO
(select lowest possible load to keep electromagnetic radiation
and noise at A/D-Converter low)
LOAD |
GL, RC, B, and AVO outputs
|
@PVDD = 5 Volt
|
@PVDD = 3.3 Volt
000
| CLoad v100 pF ILoadv3.4mA| CLoadv50 pF ILoadv3.0mA
001
| CLoad v55 pF ILoadv2.3mA| CLoadv28 pF ILoadv1.5mA
010
| CLoad v37 pF ILoadv1.5mA| CLoadv20 pF ILoadv1.0mA
011
| CLoad v28 pF ILoadv1.2mA| CLoadv16 pF ILoadv0.8mA
100
| CLoad v23 pF ILoadv0.9mA| CLoadv12 pF ILoadv0.6mA
101
| CLoad v18 pF ILoadv0.7mA| CLoadv10 pF ILoadv0.5mA
110
| CLoad v14 pF ILoadv0.6mA| CLoadv8 pF
ILoadv0.4mA
111
| pins tristate
| pins tristate
LOAD |
PRIO bus
000
| ISINKv12mA
001
| ISINKv12mA
010
| ISINKv9mA
011
| ISINKv9mA
100
| ISINKv6mA
101
| ISINKv6mA
110
| ISINKv3mA
111
| ISINKv3mA
NOTE:
Total CLOAD at pins GL, RC, B, AVO, and PRIO must not exceed 2 nF.
CLoad = max. load capacitance for AVO
CLoad = max. load capacitance for GL, RC, and B at push-pull mode
12C:<14> PUDIS = 0
ILoad = max. sink current for GL, RC, and B at open drain mode
12C:<14> PUDIS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com