Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB302X Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYUSB302X
Description  SD3??USB and Mass Storage Peripheral Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB302X Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYUSB302X Datasheet HTML 1Page - Cypress Semiconductor CYUSB302X Datasheet HTML 2Page - Cypress Semiconductor CYUSB302X Datasheet HTML 3Page - Cypress Semiconductor CYUSB302X Datasheet HTML 4Page - Cypress Semiconductor CYUSB302X Datasheet HTML 5Page - Cypress Semiconductor CYUSB302X Datasheet HTML 6Page - Cypress Semiconductor CYUSB302X Datasheet HTML 7Page - Cypress Semiconductor CYUSB302X Datasheet HTML 8Page - Cypress Semiconductor CYUSB302X Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Document Number: 001-55190 Rev. *L
Page 3 of 34
CYUSB302x
Functional Overview
SD3™ is a USB 3.0 SuperSpeed mass-storage controller
providing the latest SD/MMC support. SD3 complies with the SD
Specification, Version 3.0, and the MMC Specification, Version
4.41.
SD3 offers the following access paths among USB and mass
storage ports:
A USB-port (U-Port) supporting USB 3.0 peripheral
Two mass-storage ports (S0-Port and S1-Port) supporting
mass-storage devices. Following are the possible
configurations for the two mass-storage ports:
SD and MMC
SD and SD
MMC and MMC
SD and SDIO
MMC and SDIO
SDIO and SDIO
Combinations of these accesses can happen independently or
in an interleaved manner.
The SD3 complies with the USB 3.0 v1.0 specification and is also
backward compatible with USB 2.0.
USB Interface (U-Port)
SD3 offers the following features:
Supports USB peripheral functionality compliant with the USB
3.0 Specification Revision 1.0 and is backward-compatible with
the USB 2.0 Specification
Supports up to 16 IN and 16 OUT endpoints.
Supports the USB 3.0 Streams feature. It also supports USB
Attached SCSI (UAS) device class to optimize mass-storage
access performance.
As a USB peripheral, SD3 supports UAS and Mass Storage
Class (MSC) peripheral classes.
When the USB port is not in use, the PHY and transceiver may
be disabled for power savings.
Figure 1. USB Interface Signals
Mass-Storage Support (S-Port)
The SD3 storage interface port supports the following
specifications:
SD Specification, Version 3.0
Multimedia Card-System Specification, MMCA Technical
Committee, Version 4.4
SDIO Host controller compliant with SDIO Specification
Version 3.00
I2C Interface
SD3 has an I2C interface compatible with the I2C Bus
Specification Revision 3. Because SD3’s I2C interface is capable
of operating only as I2C master, it may be used to communicate
with other I2C slave devices. For example, SD3 may boot from
an EEPROM connected to the I2C interface, as a selectable boot
option.
SD3’s I2C master controller also supports multi-master mode
functionality.
The power supply for the I2C interface is VIO5, which is a
separate power domain from the other serial peripherals. This is
to allow the I2C interface the flexibility to operate at a different
voltage than the other serial interfaces.
The I2C controller supports bus frequencies of 100 kHz,
400 kHz, and 1 MHz. When VIO5 is 1.2 V, the maximum
operating frequency supported is 100 kHz. When VIO5 is 1.8 V,
2.5 V, or 3.3 V, the operating frequencies supported are 400 kHz
and 1 MHz. The I2C controller supports the clock stretching
feature to enable slower devices to exercise flow control.
Both SCL and SDA signals of the I2C interface require external
pull-up resistors. These resistors must be connected to VIO5.
UART Interface
The UART interface of SD3 supports full-duplex communication.
It includes the signals noted in Table 1.
The UART is capable of generating a range of baud rates, from
300 bps to 4608 Kbps, selectable by the firmware. If flow control
is enabled, then SD3's UART only transmits data when the CTS
input is asserted. In addition to this, SD3's UART asserts the RTS
output signal, when it is ready to receive data.
I2S Interface
SD3 has an I2S port to support external audio codec devices.
SD3 functions as I2S Master as transmitter only. The I2S
interface consists of four signals: clock line (I2S_CLK), serial
data line (I2S_SD), word select line (I2S_WS), and master
system clock (I2S_MCLK). SD3 can generate the system clock
as an output on I2S_MCLK or accept an external system clock
input on I2S_MCLK.
The sampling frequencies supported by the I2S interface are
32 kHz, 44.1 kHz, and 48 kHz.
SPI Interface
SD3 supports an SPI Master interface on the Serial Peripherals
port. The maximum operation frequency is 33 MHz.
The SPI controller supports four modes of SPI communication
(see SPI Timing Specification on page 21 for details on the
modes) with the Start-Stop clock. This controller is a
single-master controller with a single automated SSN control. It
supports transaction sizes ranging from 4 bits to 32 bits.
SD3
VBATT
VBUS
SSRX-
SSRX+
SSTX-
SSTX+
D-
D+
Table 1. UART Interface Signals
Signal
Description
TX
Output signal
RX
Input signal
CTS
Flow control
RTS
Flow control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com